Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36MB Datasheet(PDF) 4 Page - International Rectifier

Part # 36MB
Description  SINGLE PHASE BRIDGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

36MB Datasheet(HTML) 4 Page - International Rectifier

  36MB Datasheet HTML 1Page - International Rectifier 36MB Datasheet HTML 2Page - International Rectifier 36MB Datasheet HTML 3Page - International Rectifier 36MB Datasheet HTML 4Page - International Rectifier 36MB Datasheet HTML 5Page - International Rectifier 36MB Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MB Series
4
Bulletin I2715 rev. I 03/03
www.irf.com
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Average Forward Current (A)
Instantaneous Forward Voltage (V)
Maximum Allowable Ambient Te
50
70
90
110
130
150
0
5
10
15
20
25
30
180˚
(Rect)
180˚
(Sine)
26MB..A Series
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
26MB..A Series
Tj = 25˚C
Tj = 150˚C
Number of Equal Amplitude Half Cycle Current Pulses (N)
50
150
250
350
450
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
26MB..A Series
Initial Tj = 150˚C
No Voltage Reapplied
Rated Vrrm Reapplied
Pulse Train Duration (s)
100
150
200
250
300
350
400
1
10
100
26MB..A series
At Any Rated Load Condition And With
Initial Tj = 150˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
Rated Vrrm Applied Following Surge
Fig. 3 - Total Power Loss Characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
10
20
30
40
50
0
5
10
15
20
25
180˚
(Sine)
26MB..A Series
Tj = 150˚C
180˚
(Rect)
0
25
50
75
100
125
150
2 K/W
3 K/W
4 K/W
5 K/W
7 K/W
10 K/W


Similar Part No. - 36MB

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
36MB NELLSEMI-36MB Datasheet
272Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 35A 36MB08 Thru 36MB16
logo
Vishay Siliconix
36MB..A VISHAY-36MB..A Datasheet
148Kb / 7P
   Single Phase Bridge Rectifier, 25 A, 35 AS
01-Jan-2022
36MB..A VISHAY-36MB..A Datasheet
149Kb / 7P
   Single Phase Bridge Rectifier, 25 A, 35 A
01-Jan-2023
36MB..A VISHAY-36MB..A Datasheet
143Kb / 7P
   Single Phase Bridge Rectifier, 25 A, 35 A
01-Jan-2023
logo
International Rectifier
36MB05A IRF-36MB05A Datasheet
203Kb / 5P
   10 to 35 Amp Rectifier Bridges
More results

Similar Description - 36MB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GBPC3512 IRF-GBPC3512 Datasheet
270Kb / 6P
   SINGLE PHASE BRIDGE
26MB05A IRF-26MB05A Datasheet
50Kb / 6P
   SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0038D SSDI-RA0038D Datasheet
120Kb / 2P
   SINGLE PHASE BRIDGE
RA0009 SSDI-RA0009 Datasheet
58Kb / 2P
   SINGLE PHASE BRIDGE
logo
International Rectifier
36MB160A IRF-36MB160A Datasheet
74Kb / 6P
   SINGLE PHASE BRIDGE
GBPC IRF-GBPC Datasheet
131Kb / 6P
   SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0008 SSDI-RA0008 Datasheet
26Kb / 2P
   SINGLE PHASE BRIDGE
RA0011B SSDI-RA0011B Datasheet
108Kb / 2P
   SINGLE PHASE BRIDGE
RH0237 SSDI-RH0237 Datasheet
27Kb / 2P
   SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D_15 Datasheet
120Kb / 2P
   SINGLE PHASE BRIDGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com