Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24745RHDT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24745RHDT
Description  SMBus-Controlled Multi-Chemistry Battery
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24745RHDT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24745RHDT Datasheet HTML 5Page - Texas Instruments BQ24745RHDT Datasheet HTML 6Page - Texas Instruments BQ24745RHDT Datasheet HTML 7Page - Texas Instruments BQ24745RHDT Datasheet HTML 8Page - Texas Instruments BQ24745RHDT Datasheet HTML 9Page - Texas Instruments BQ24745RHDT Datasheet HTML 10Page - Texas Instruments BQ24745RHDT Datasheet HTML 11Page - Texas Instruments BQ24745RHDT Datasheet HTML 12Page - Texas Instruments BQ24745RHDT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
bq24745
www.ti.com
SLUS761D
– DECEMBER 2007 – REVISED OCTOBER 2011
ELECTRICAL CHARACTERISTICS (continued)
7 V
≤ VDCIN ≤ 24 V, 0°C < TJ < 125°C, typical values are at TA = 25°C, with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVDDSMB_Iq
VDDSMB quiescent current
VVDDSMB = SCL = SDA = 5.5 V, 0°C ≤ TJ
20
27
μA
85
°C
ELECTRICAL CHARACTERISTICS
7 Vdc
≤ V(VCC) ≤ 24 Vdc, –20°C<TJ <125°C, ref = AGND (unless otherwise noted)
(1)
PARAMETER
MIN
TYP
MAX
UNIT
[SMB TIMING SPECIFICATION (VDD = 2.7 V to 5.5 V) (see Figures 4 and 5)]
SMBus TIMING CHARACTERISTICS
tR
SCLK/SDATA rise time
1
μs
tF
SCLK/SDATA fall time
300
ns
tW(H)
SCLK pulse duration high
4
50
μs
tW(L)
SCLK pulse duration low
4.7
μs
tSU(STA)
Setup time for START condition
4.7
μs
tH(STA)
START condition hold time after which first clock pulse is generated
4
μs
tSU(DAT)
Data setup time
250
ns
tH(DAT)
Data hold time
300
ns
tSU(STOP)
Setup time for STOP condition
4
μs
t(BUF)
Bus free time between START and STOP condition
4.7
μs
FS(CL)
Clock frequency
10
100
kHz
HOST COMMUNICATION FAILURE
ttimeout
SMBus bus release timeout
22
25
35
ms
tWDI
Watchdog timeout period
140
170
210
s
OUTPUT BUFFER CHARACTERISTICS
V(SDAL)
Output LO voltage at SDA, I(SDA) = 3 mA
0.4
V
(1)
Devices participating in a transfer time out when any clock low exceeds the 2- ms minimum time-out period. Devices that have detected
a time-out condition must reset the communication no later than the 35-ms maximum timeout period. Both a master and a slave must
adhere to the maximum value specified, as it incorporates the cumulative stretch limit for both a master (10 ms) and a slave (25 ms).
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :bq24745


Similar Part No. - BQ24745RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24745RHDT TI-BQ24745RHDT Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
More results

Similar Description - BQ24745RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24765 TI1-BQ24765 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24765 TI-BQ24765_15 Datasheet
1Mb / 37P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
logo
Shanghai Consonance Ele...
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24747 TI-BQ24747 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator and Charge Enable Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com