Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24745 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24745
Description  SMBus-Controlled Multi-Chemistry Battery
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24745 Datasheet(HTML) 2 Page - Texas Instruments

  BQ24745 Datasheet HTML 1Page - Texas Instruments BQ24745 Datasheet HTML 2Page - Texas Instruments BQ24745 Datasheet HTML 3Page - Texas Instruments BQ24745 Datasheet HTML 4Page - Texas Instruments BQ24745 Datasheet HTML 5Page - Texas Instruments BQ24745 Datasheet HTML 6Page - Texas Instruments BQ24745 Datasheet HTML 7Page - Texas Instruments BQ24745 Datasheet HTML 8Page - Texas Instruments BQ24745 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
(1) Pullup rail could be either VREF or other system rail.
RAC
0.010
RSR
0.010
Q1 (ACFET)
SI4835BDY
P
P
CSSN
CSSP
ACIN
VREF
CE
SDA
SCL
SMBus
VICM
HOST
(EC)
UGATE
PHASE
BOOT
VDDP
LGATE
PGND
CSOP
CSON
PACK+
PACK-
CHRG_IN
ADAPTER +
ADAPTER -
GND
bq24745
309k
1%
49.9k
1%
R1
R2
1uF
C4
C2
0.1u
C3
0.1u
100pF
C5
C6
1u
Q3
FDS6680A
Q4
FDS6680A
0.1uF
C7
L1
5.6uH
D1
BAT54
C8
1u
C9
0.1uF
C10
0.1uF
C13
2x10u
C15
10uF
VFB
ICOUT
ICREF
Q2 (RBFET)
SI4835BDY
Controlled by
HOST
C14
10uF
C17
0.1uF
R10
10k
R11
10k
EAI
FBO
NC
NC
EAO
27
28
2
12
3
26
7
9
10
8
14
16
4
5
6
1
15
17
18
19
20
25
21
23
24
DCIN
VDDSMB
11
ACOK
10k
R3
13
DISCRETE
LOGIC
RC6
10
Dig I/O
+3.3V_ALWAYS
OR
+5V_ALWAYS
R12
10k
22
100
R22
C1
2.2u
RC1
2.2
DISCRETE
LOGIC
R20
20k
R21
200k
R19
7.5k
C21
2000pF
C22
130pF
C23
51pF
bq24745
SLUS761D
– DECEMBER 2007 – REVISED OCTOBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONTINUED)
The bq24745 features dynamic power management (DPM) and input power limiting. These features reduce
battery-charge current when the input power limit is reached to avoid overloading the ac adaptor when supplying
the load and the battery charger simultaneously. A highly accurate current-sense amplifier enables precise
measurement of input current from the ac adapter, allowing monitoring the overall system power. If the adapter
current is above the programmed low-power threshold, a signal is sent to host so that the system optimizes its
performance to the power available from the adapter. An integrated comparator monitors the input current
through the current-sense amplifier, and indicates when the input current exceeds a programmable threshold
limit.
TYPICAL APPLICATIONS
VIN = 20 V, VBAT = 4-cell Li-Ion, ICHARGE = 4.5 A
Figure 1. Typical System Schematic Using External Input-Current Comparator (Discrete Logic) Instead of
Internal Comparator
2
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s) :bq24745


Similar Part No. - BQ24745

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
BQ24745RHDR TI-BQ24745RHDR Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
BQ24745RHDT TI-BQ24745RHDT Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
More results

Similar Description - BQ24745

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24765 TI1-BQ24765 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24765 TI-BQ24765_15 Datasheet
1Mb / 37P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
logo
Shanghai Consonance Ele...
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24747 TI-BQ24747 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator and Charge Enable Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com