Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24745 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24745
Description  SMBus-Controlled Multi-Chemistry Battery
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24745 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24745 Datasheet HTML 4Page - Texas Instruments BQ24745 Datasheet HTML 5Page - Texas Instruments BQ24745 Datasheet HTML 6Page - Texas Instruments BQ24745 Datasheet HTML 7Page - Texas Instruments BQ24745 Datasheet HTML 8Page - Texas Instruments BQ24745 Datasheet HTML 9Page - Texas Instruments BQ24745 Datasheet HTML 10Page - Texas Instruments BQ24745 Datasheet HTML 11Page - Texas Instruments BQ24745 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
bq24745
SLUS761D
– DECEMBER 2007 – REVISED OCTOBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
7 V
≤ VDCIN ≤ 24 V, 0°C < TJ < 125°C, typical values are at TA = 25°C, with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN COMPARATOR
TSHUT
Thermal shutdown rising temperature
Temperature Increasing
155
°C
TSHUT_HYS
Thermal shutdown hysteresis, falling
20
PWM HIGH SIDE DRIVER (UGATE)
RDS_HI_ON
High-side driver (HSD) turnon resistance
VBOOT – VPHASE = 5.5 V
6
RDS_HI_OFF
High-side driver turnoff resistance
VBOOT – VPHASE = 5.5 V
1
Bootstrap refresh comparator threshold
VBOOT – VPHASE when low-side refresh pulse
VBOOT_REFRESH
4
V
voltage
is requested
IBOOT_LEAK
BOOT leakage current when charge enabled
High side is on; charge enabled
200
μA
PWM LOW SIDE DRIVER (LGATE)
RDS_LO_ON
Low-side driver (LSD) turnon resistance
6
RDS_LO_OFF
Low-side driver turnoff resistance
1
PWM DRIVERS TIMING
Dead time when switching between LGATE
Driver dead time
30
ns
and UGATE , no load at LGATE and UGATE
PWM OSCILLATOR
FSW
PWM switching frequency
240
360
kHz
VRAMP_HEIGHT
PWM ramp height
As percentage of DCIN
6.67
%DCIN
QUIESCENT CURRENT
Total off-state battery current from CSOP,
VVFB = 16.8 V, VACIN < 0.6 V,
IOFF_STATE
7
10
μA
CSON, VFB, DCIN, BOOT, PHASE, etc
VDCIN > 5 V, 0°C ≤ TJ ≤ 85°C
VVFB = 16.8 V, 0.6V < VACIN < 2.4 V,
IBAT_ON
Battery on-state quiescent current
0.7
1
mA
VDCIN > 5 V
Charge is disabled: VVFB = 16.8 V,
IBAT_LOAD_CD
Internal battery load current, charge disabled
0.7
1
mA
VACIN > 2.4 V, VDCIN > 5 V
Charge is enabled: VVFB = 16.8 V,
IBAT_LOAD_CE
Internal battery load current, charge enabled
6
10
12
mA
VACIN > 2.4 V, VDCIN > 5 V
IAC
Adapter quiescent current
Charge disabled, VDCIN = 20 V
0.7
1
mA
Charge enabled, VDCIN = 20 V, converter
IAC_SWITCH
Adapter switching quiescent current
25
mA
running
INTERNAL SOFT START (8 Steps to Regulation Current ICHG)
Soft-start steps
8
step
Soft-start step time
1.5
ms
CHARGER SECTION POWER-UP SEQUENCING
Delay from when adapter is detected to when
Charge-enable delay after power up
1.5
ms
the charger is allowed to turn on
CHARGE UNDERCURRENT COMPARATOR (CYCLE-BY-CYCLE SYNCHRONOUS TO NON-SYNCHRONOUS)
Cycle-by-cycle, (CSOP-CSON) voltage,
Cycle-by-cycle synchronous to
VUCP
falling, LGATE turns off and latches off until
5
10
15
mV
non-synchronous transition threshold
next cycle
Blankout time after LGATE turns on
Blankout comparator after LGATE turns on
100
ns
LOGIC INPUT PIN CHARACTERISTICS (CE)(2) Pull-up CE with
≥2.2 kΩ resistor or directly to VREF.
VIN_LO
Input low-threshold voltage
0.8
V
VIN_HI
Input high-threshold voltage
2.1
VBIAS
Input bias current
V = 0 TO VVDDP
1
μA
OPEN-DRAIN LOGIC OUTPUT PIN CHARACTERISTICS (ACOK, ICOUT)
VOUT_LO
Output low saturation voltage
Sink current = 5 mA
0.5
V
VDDSMB INPUT SUPPLY FOR SMBus
VVDDSMB_RANGE
VDDSMB input voltage range
2.7
5.5
V
VVDDSMB_UVLO_
VDDSMB undervoltage lockout threshold
VVDDSMB rising
2.4
2.5
2.6
V
Threshold_Rising
voltage, rising
VVDDSMB_UVLO_
VDDSMB undervoltage lockout hysteresis
VVDDSMB falling
100
150
200
V
Hyst_Rising
voltage, falling
(2)
Pull up CE with
≥ 2-kΩ resistor, or connect directly to VREF.
8
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s) :bq24745


Similar Part No. - BQ24745

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
BQ24745RHDR TI-BQ24745RHDR Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
BQ24745RHDT TI-BQ24745RHDT Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
More results

Similar Description - BQ24745

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24765 TI1-BQ24765 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24765 TI-BQ24765_15 Datasheet
1Mb / 37P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
logo
Shanghai Consonance Ele...
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24747 TI-BQ24747 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator and Charge Enable Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com