Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24168YFFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24168YFFR
Description  Single-Cell Switched-Mode Li-Ion Battery Charger
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24168YFFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24168YFFR Datasheet HTML 3Page - Texas Instruments BQ24168YFFR Datasheet HTML 4Page - Texas Instruments BQ24168YFFR Datasheet HTML 5Page - Texas Instruments BQ24168YFFR Datasheet HTML 6Page - Texas Instruments BQ24168YFFR Datasheet HTML 7Page - Texas Instruments BQ24168YFFR Datasheet HTML 8Page - Texas Instruments BQ24168YFFR Datasheet HTML 9Page - Texas Instruments BQ24168YFFR Datasheet HTML 10Page - Texas Instruments BQ24168YFFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
bq24160, bq24160A, bq24161
bq24161B, bq24163, bq24168
www.ti.com
SLUSAO0G – NOVEMBER 2011 – REVISED DECEMBER 2015
8.4 Thermal Information
bq2416xx
THERMAL METRIC(1)
UNIT
49 PINS (YFF)
24 PINS (RGE)
θJA
Junction-to-ambient thermal resistance
49.8
32.6
°C/W
θJCtop
Junction-to-case (top) thermal resistance
0.2
30.5
°C/W
θJB
Junction-to-board thermal resistance
1.1
3.3
°C/W
ψJT
Junction-to-top characterization parameter
1.1
0.4
°C/W
ψJB
Junction-to-board characterization parameter
6.6
9.3
°C/W
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
2.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
8.5 Electrical Characteristics
Circuit of Figure 21, VSUPPLY = VUSB or VIN (whichever is supplying the IC), VUVLO < VSUPPLY < VOVP and VSUPPLY > VBAT+VSLP, TJ
= -40°C – 125°C and TJ = 25ºC for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENTS
PWM switching
15
mA
VUVLO < VSUPPLY < VOVP and
VSUPPLY > VBAT+VSLP
ISUPPLY
Supply current for control (VIN or VUSB)
PWM NOT switching
5
0°C < TJ < 85°C, High-Z Mode
175
μA
IBATLEAK
Leakage current from BAT to the Supply
0°C < TJ < 85°C, VBAT = 4.2V, VUSB = VIN = 0V
5
μA
0°C< TJ < 85°C, VBAT = 4.2V, VSUPPLY = 5V or 0V,
Battery discharge current in High Impedance mode,
IBAT_HIZ
55
μA
(BAT, SW, SYS)
SCL, SDA = 0 V or 1.8V, High-Z Mode
POWER-PATH MANAGEMENT
bq24160, 1, 1B, 8
3.60
3.7
3.82
Charge Enabled, VBAT < VMINSYS
bq24163
3.3
3.4
3.5
VSYS(REG)
System regulation voltage
V
VBATREG
VBATREG
VBATREG
Battery FET turned off (Charge Disabled, TS Fault or
Charging Terminated)
+ 1.5%
+ 3.0%
+ 4.17%
bq24160, 1, 1B, 8
3.4
3.5
3.62
V
Charge enabled, VBAT < VMINSYS,
VMINSYS
Minimum system regulation voltage
Input current limit or VINDPM active
bq24163
3.1
3.2
3.3
V
VBAT
VBSUP1
Enter supplement mode threshold
VBAT > 2.5V
V
–30mV
VBAT
VBSUP2
Exit supplement mode threshold
VBAT > 2.5V
V
–10mV
ILIM(discharge)
Current limit, discharge or supplement mode
Current monitored in internal FET only.
7
A
Deglitch time, SYS short circuit during discharge or
Measured from (VBAT – VSYS) = 300mV to BAT high-
tDGL(SC1)
250
μs
supplement mode
impedance
Recovery time, SYS short circuit during discharge or
tREC(SC1)
60
ms
supplement mode
Battery range for BGATE and supplement mode
2.5
4.5
V
operation
BATTERY CHARGER
YFF pkg
37
57
Measured from BAT to SYS,
RON(BAT-SYS)
Internal battery charger MOSFET on-resistance
m
Ω
VBAT = 4.2V
RGE pkg
50
70
Charge Voltage
Operating in voltage regulation, Programmable range
3.5
4.44
V
VBATREG
Voltage regulation accuracy
–1%
1%
Fast charge current range
VBATSHRT ≤ VBAT < VBAT(REG) programmable range
550
2500
mA
ICHARGE
Fast charge current accuracy
0°C to 125°C
–10%
+10%
bq24161, 3, 8
1.9
2.0
2.1
VBATSHRT
Battery short circuit threshold
100mV Hysteresis
V
bq24160, 1B
2.9
3.0
3.1
IBATSHRT
Battery short circuit current
VBAT < VBATSHRT
50
mA
Deglitch time for battery short circuit to fastcharge
tDGL(BATSHRT)
32
ms
transition
ITERM = 50mA
–35%
+35%
ITERM
Termination charge current accuracy
ITERM ≥ 100mA
–15%
+15%
tDGL(TERM)
Deglitch time for charge termination
Both rising and falling, 2mV overdrive, tRISE, tFALL = 100ns
32
ms
VRCH
Recharge threshold voltage
Below VBATREG
120
mV
tDGL(RCH)
Deglitch time
VBAT falling below VRCH, tFALL=100ns
32
ms
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq24160 bq24160A bq24161 bq24161B bq24163 bq24168


Similar Part No. - BQ24168YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24168YFFR TI-BQ24168YFFR Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24168YFFR TI-BQ24168YFFR Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results

Similar Description - BQ24168YFFR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger
RT9458 RICHTEK-RT9458 Datasheet
244Kb / 27P
   Switch-Mode Single Cell Li-Ion Battery Charger
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com