Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25071QWDQCTQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25071QWDQCTQ1
Description  Automotive Qualified
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25071QWDQCTQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ25071QWDQCTQ1 Datasheet HTML 5Page - Texas Instruments BQ25071QWDQCTQ1 Datasheet HTML 6Page - Texas Instruments BQ25071QWDQCTQ1 Datasheet HTML 7Page - Texas Instruments BQ25071QWDQCTQ1 Datasheet HTML 8Page - Texas Instruments BQ25071QWDQCTQ1 Datasheet HTML 9Page - Texas Instruments BQ25071QWDQCTQ1 Datasheet HTML 10Page - Texas Instruments BQ25071QWDQCTQ1 Datasheet HTML 11Page - Texas Instruments BQ25071QWDQCTQ1 Datasheet HTML 12Page - Texas Instruments BQ25071QWDQCTQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
bq25071-Q1
www.ti.com
SLUSCD6 – APRIL 2016
Product Folder Links: bq25071-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The bq25071-Q1 is a highly integrated, automotive qualified, linear, LiFePO4 battery charger targeted at space-
limited automotive applications. It accepts power from either a USB port or AC adapter and charges a single-cell
LiFePO4 battery with up to 1 A of charge current. The 30 V input rating with 10.5 V input overvoltage protection
supports low-cost unregulated adapters.
The bq25071-Q1 has a single power output that simultaneously charges the battery and powers the system. The
input current is programmable from 100 mA up to 1 A using the ISET input or configurable for USB500. There is
also a 4.9 V ±10% 50 mA LDO is integrated into the IC for supplying low power external circuitry.
The LiFePO4 charging algorithm removes the constant voltage mode control typically used in Li-Ion battery
charge cycles which reduces charge time significantly. Instead, the battery is fast charged to the overcharge
voltage and then allowed to relax to a lower float charge voltage threshold. The charger power stage and charge
current sense functions are fully integrated. The charger function has high accuracy current and voltage
regulation loops, and charge status display. During the charge cycle, an internal control loop monitors the IC
junction temperature and reduces the charge current if an internal temperature threshold is exceeded.


Similar Part No. - BQ25071QWDQCTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25071 TI-BQ25071 Datasheet
1Mb / 26P
[Old version datasheet]   bq25071 1-A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50 mA LDO
BQ25071DQCR TI-BQ25071DQCR Datasheet
1Mb / 26P
[Old version datasheet]   bq25071 1-A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50 mA LDO
BQ25071DQCT TI-BQ25071DQCT Datasheet
1Mb / 26P
[Old version datasheet]   bq25071 1-A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50 mA LDO
BQ25071 TI-BQ25071_15 Datasheet
1Mb / 26P
[Old version datasheet]   bq25071 1-A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50 mA LDO
More results

Similar Description - BQ25071QWDQCTQ1

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SUK3015 SANKEN-SUK3015 Datasheet
355Kb / 10P
   Automotive Qualified
SPF0004 SANKEN-SPF0004 Datasheet
376Kb / 11P
   Automotive Qualified
logo
Texas Instruments
TLC225XA-Q1 TI1-TLC225XA-Q1 Datasheet
646Kb / 35P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0507-4 PETERMANN-SMD0507-4_15 Datasheet
541Kb / 4P
   Qualified for automotive applications
SMD0503-2 PETERMANN-SMD0503-2_15 Datasheet
652Kb / 4P
   Qualified for automotive applications
logo
Texas Instruments
TPS3306-15QDRG4Q1 TI1-TPS3306-15QDRG4Q1 Datasheet
815Kb / 16P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0503 PETERMANN-SMD0503_15 Datasheet
412Kb / 4P
   Qualified for automotive applications
SMD0603-4 PETERMANN-SMD0603-4_15 Datasheet
716Kb / 4P
   Qualified for automotive applications
logo
Texas Instruments
SN74LVC04A-Q1 TI1-SN74LVC04A-Q1_15 Datasheet
796Kb / 13P
[Old version datasheet]   Qualified for Automotive Applications
TUSB211 TI1-TUSB211 Datasheet
1Mb / 21P
[Old version datasheet]   Qualified for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com