Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25100B Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25100B
Description  75-nA Battery Leakage
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25100B Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ25100B Datasheet HTML 6Page - Texas Instruments BQ25100B Datasheet HTML 7Page - Texas Instruments BQ25100B Datasheet HTML 8Page - Texas Instruments BQ25100B Datasheet HTML 9Page - Texas Instruments BQ25100B Datasheet HTML 10Page - Texas Instruments BQ25100B Datasheet HTML 11Page - Texas Instruments BQ25100B Datasheet HTML 12Page - Texas Instruments BQ25100B Datasheet HTML 13Page - Texas Instruments BQ25100B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
t-time – 10 ms/div
VISET 2 V/div
ILOAD 70 mA/div
IOUT 70 mA/div
VIN 2 V/div
t-time – 10 ms/div
VISET 1 V/div
VOUT 2 V/div
IOUT 400 mA/div
VIN 2 V/div
t-time – 10 ms/div
VISET 1 V/div
VOUT 5 V/div
IOUT 100 mA/div
VIN 5 V/div
t-time – 10 ms/div
VISET 1 V/div
VOUT 5 V/div
IOUT 100 mA/div
VIN 5 V/div
VISET 1 V/div
VOUT 2 V/div
IOUT 100 mA/div
VIN 5 V/div
t-time – 200
s/div
t-time – 20 ms/div
VISET 1 V/div
VOUT 2 V/div
IOUT 100 mA/div
VIN 5 V/div
10
bq25100B
SLUSCG5A – MAY 2016 – REVISED JULY 2016
www.ti.com
Product Folder Links: bq25100B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Setup: Typical Applications Schematic; VIN = 5 V, VBAT = 3.6 V (unless otherwise noted)
No Load
Figure 7. Battery Removal
Figure 8.
ISET Shorted During Normal Operation
20-Ω resistor at OUT, No input, VBAT = 3.7 V
Figure 9. Battery Plug In
20-Ω resistor at OUT, No input, VBAT = 3.7 V
Figure 10. Battery Removal
Figure 11. ISET Short Prior to Power Up
90-mA Load, 120-mA ICHG
Figure 12. Power Up


Similar Part No. - BQ25100B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25100 TI1-BQ25100 Datasheet
1Mb / 32P
[Old version datasheet]   75-nA Battery Leakage
BQ25100A TI1-BQ25100A Datasheet
1Mb / 32P
[Old version datasheet]   75-nA Battery Leakage
BQ25100AYFPR TI1-BQ25100AYFPR Datasheet
1Mb / 32P
[Old version datasheet]   75-nA Battery Leakage
BQ25100AYFPT TI1-BQ25100AYFPT Datasheet
1Mb / 32P
[Old version datasheet]   75-nA Battery Leakage
BQ25100A TI-BQ25100A_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
More results

Similar Description - BQ25100B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25100 TI1-BQ25100_16 Datasheet
1Mb / 32P
[Old version datasheet]   75-nA Battery Leakage
BQ25100A TI-BQ25100A_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25100 TI-BQ25100_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25101H TI-BQ25101H_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25100H TI-BQ25100H_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
logo
Shanghai Leiditech Elec...
ESDA08CP LEIDITECH-ESDA08CP Datasheet
258Kb / 3P
   Ultra low leakage: nA level
LC0504W LEIDITECH-LC0504W Datasheet
1Mb / 4P
   Ultra low leakage: nA level
ESDA05CT LEIDITECH-ESDA05CT Datasheet
129Kb / 3P
   Ultra low leakage: nA level
logo
First Silicon Co., Ltd
FTVESD0512S6 FS-FTVESD0512S6 Datasheet
422Kb / 4P
   Ultra low leakage: nA level
2021. 12. 29 Revision No : 0
FTVESD0512X6 FS-FTVESD0512X6 Datasheet
356Kb / 4P
   Ultra low leakage: nA level
2022. 01. 03 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com