Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25120 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ25120
Description  Highly Integrated Battery Charge Management Solution
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25120 Datasheet(HTML) 4 Page - Texas Instruments

  BQ25120_16 Datasheet HTML 1Page - Texas Instruments BQ25120_16 Datasheet HTML 2Page - Texas Instruments BQ25120_16 Datasheet HTML 3Page - Texas Instruments BQ25120_16 Datasheet HTML 4Page - Texas Instruments BQ25120_16 Datasheet HTML 5Page - Texas Instruments BQ25120_16 Datasheet HTML 6Page - Texas Instruments BQ25120_16 Datasheet HTML 7Page - Texas Instruments BQ25120_16 Datasheet HTML 8Page - Texas Instruments BQ25120_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
GND
RESET
INT
/MR
IPRETE
RM
ISET
BAT
BAT
TS
ILIM
/PG
VINLS
VINLS
PGND
SW
PMID
A
B
C
D
1
2
3
4
SDA
LSCTRL
/CD
SCL
E
IN
LS/LDO
SYS
PMID
GND
5
4
BQ25120, BQ25121
SLUSBZ9B – AUGUST 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: BQ25120 BQ25121
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7 Pin Configuration and Functions
YFP Package
25-Pin (DSBGA)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
IN
A2
I
DC Input Power Supply. IN is connected to the external DC supply. Bypass IN to GND with
at least 1 µF of capacitance using a ceramic capacitor.
PMID
A3, B3
I/O
High Side Bypass Connection. Connect at least 10-µF ceramic capacitor (at least 3µF of
ceramic capacitance with DC bias derating) from PMID to GND as close to the PMID and
GND pins as possible.
GND
A1, D5
Ground connection. Connect to the ground plane of the circuit.
PGND
A5
Power ground connection. Connect to the ground plane of the circuit. Connect the output
filter cap from the buck converter to this ground as shown in the layout example.
CD
E2
I
Chip Enable. Drive CD low to place the part in High-Z mode with battery only present, or
enable charging when VIN is valid. Drive CD high for Active Battery mode when battery only
is present, and disable charge when VIN is present. CD is pulled low internally with 900 kΩ.
SDA
E4
I/O
I2C Interface Data. Connect SDA to the logic rail through a 10-k
Ω resistor.
SCL
E5
I
I2C Interface Clock. Connect SCL to the logic rail through a 10-k
Ω resistor.
ILIM
C2
I
Adjustable Input Current Limit Programming. Connect a resistor from ILIM to GND to
program the input current limit. The input current includes the system load and the battery
charge current. Connect ILIM to GND to set the input current limit to the internal default
threshold. ILIM can also be updated through I2C.
LSCTRL
E3
I
Load Switch and LDO Control Input. Pull high to enable the LS/LDO output, pull low to
disable the LS/LDO output.
ISET
C1
I
Fast-Charge Current Programming Input. Connect a resistor from ISET to GND to program
the fast-charge current level. Connect a resistor from ISET to GND to set the charge current
to the internal default. ISET can also be updated through I2C. While charging, the voltage at
ISET reflects the actual charging current and can be used to monitor charge current if an
ISET resistor is present.


Similar Part No. - BQ25120_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25120 TI-BQ25120_15 Datasheet
1Mb / 66P
[Old version datasheet]   bq25120 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120 TI-BQ25120_15 Datasheet
1Mb / 68P
[Old version datasheet]   bq25120 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
More results

Similar Description - BQ25120_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25120A TI1-BQ25120A Datasheet
1Mb / 67P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25121A TI1-BQ25121A Datasheet
2Mb / 70P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25125 TI1-BQ25125 Datasheet
2Mb / 69P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution For Wearables and IoT
BQ25122 TI1-BQ25122 Datasheet
2Mb / 70P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Hearables, Wearables, and IoT
BQ25123 TI-BQ25123 Datasheet
3Mb / 72P
[Old version datasheet]   BQ25123 700-nA Low Iq Highly Integrated Battery Charge Management Solution for Wearables
BQ25120F3A TI-BQ25120F3A Datasheet
3Mb / 74P
[Old version datasheet]   BQ25120F3A 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120 TI-BQ25120_15 Datasheet
1Mb / 66P
[Old version datasheet]   bq25120 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120 TI-BQ25120_15 Datasheet
1Mb / 68P
[Old version datasheet]   bq25120 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
   Highly Integrated Solution
Rev 0; 3/19
MAXM17624 MAXIM-MAXM17624 Datasheet
619Kb / 10P
   Highly Integrated Solution
Rev 0; 1/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com