Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25890 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25890
Description  Adjustable Voltage USB On-the-Go Boost Mode
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25890 Datasheet(HTML) 1 Page - Texas Instruments

  BQ25890 Datasheet HTML 1Page - Texas Instruments BQ25890 Datasheet HTML 2Page - Texas Instruments BQ25890 Datasheet HTML 3Page - Texas Instruments BQ25890 Datasheet HTML 4Page - Texas Instruments BQ25890 Datasheet HTML 5Page - Texas Instruments BQ25890 Datasheet HTML 6Page - Texas Instruments BQ25890 Datasheet HTML 7Page - Texas Instruments BQ25890 Datasheet HTML 8Page - Texas Instruments BQ25890 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
SYS
BAT
bq2589x
Host
Input
3.9V±14V at 3A
USB
OTG
5V at 2.4A
Ichg = 5A
SYS 3.5V±4.5V
I2C Bus
Host Control
VBUS
SW
TS
QON
Optional
REGN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
bq25890, bq25892
SLUSC86B – MARCH 2015 – REVISED MAY 2016
bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for
High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
1
1 Features
1
High Efficiency 5-A, 1.5-MHz Switch Mode Buck
Charge
93% Charge Efficiency at 2 A and 91% Charge
Efficiency at 3-A Charge Current
Optimize for High Voltage Input (9 V to 12 V)
Low Power PFM mode for Light-Load
Operations
USB On-the-Go (OTG) with Adjustable Output
from 4.5 V to 5.5 V
Selectable 500-kHz and 1.5-MHz Boost
Converter with up-to 2.4-A Output
93% Boost Efficiency at 5 V at 1-A Output
Accurate Hiccup Mode Overcurent Protection
Single Input to Support USB Input and Adjustable
High Voltage Adapters
Support 3.9-V to 14-V Input Voltage Range
Input Current Limit (100 mA to 3.25 A with 50-
mA resolution) to Support USB2.0, USB3.0
Standard and High Voltage Adapters
Maximum Power Tracking by Input Voltage
Limit up-to 14 V for Wide Range of Adapters
Auto Detect USB SDP, CDP, DCP, and Non-
Standard Adapters (bq25890)
Input Current Optimizer (ICO) to Maximize Input
Power without Overloading Adapters
Resistance Compensation (IRCOMP) from
Charger Output to Cell Terminal
Highest Battery Discharge Efficiency with 11-m
Ω
Battery Discharge MOSFET up to 9 A
Integrated ADC for System Monitor
(Voltage, Temperature, Charge Current)
Narrow VDC (NVDC) Power Path Management
Instant-On Works with No Battery or Deeply
Discharged Battery
Ideal Diode Operation in Battery Supplement
Mode
BATFET Control to Support Ship Mode, Wake Up,
and Full System Reset
Flexible Autonomous and I2C Mode for Optimal
System Performance
High Integration includes all MOSFETs, Current
Sensing and Loop Compensation
12-µA Low Battery Leakage Current to Support
Ship Mode
High Accuracy
±0.5% Charge Voltage Regulation
±5% Charge Current Regulation
±7.5% Input Current Regulation
Safety
Battery Temperature Sensing for Charge and
Boost Mode
Thermal Regulation and Thermal Shutdown
2 Applications
Smart Phone
Tablet PC
Portable Internet Devices
3 Description
The bq25890, bq25892 are highly-integrated 5-A
switch-mode battery charge management and system
power path management device for single cell Li-Ion
and Li-polymer battery. The devices support high
input voltage fast charging. The low impedance
power
path
optimizes
switch-mode
operation
efficiency, reduces battery charging time and extends
battery life during discharging phase. The I2C Serial
interface with charging and system settings makes
the device a truly flexible solution.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
bq25890
WQFN (24)
4.00mm x 4.00mm
bq25892
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - BQ25890

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25890HRTWR TI1-BQ25890HRTWR Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25890HRTWT TI1-BQ25890HRTWT Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25890 TI-BQ25890_15 Datasheet
785Kb / 11P
[Old version datasheet]   bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
More results

Similar Description - BQ25890

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
logo
Texas Instruments
BQ25883 TI1-BQ25883_19 Datasheet
3Mb / 86P
[Old version datasheet]   2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
BQ25883 TI1-BQ25883 Datasheet
2Mb / 79P
[Old version datasheet]   2-Cell, 2-A boost-mode battery charger with power path, USB on-the-go boost (OTG) for USB input
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200_04 Datasheet
97Kb / 7P
   EZ-OTG??Programmable USB On-The-Go
CY7C67200 CYPRESS-CY7C67200_06 Datasheet
1Mb / 78P
   EZ-OTG??Programmable USB On-The-Go
logo
Texas Instruments
BQ25896 TI-BQ25896_15 Datasheet
1Mb / 11P
[Old version datasheet]   bq25896 I2C Controlled Single Cell 3-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25896 TI-BQ25896_15 Datasheet
767Kb / 11P
[Old version datasheet]   bq25896 I2C Controlled Single Cell 3-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25886_1905 TI1-BQ25886_1905 Datasheet
2Mb / 37P
[Old version datasheet]   Standalone 2-Cell, 2-A boost-mode battery charger with power path, USB BC1.2 detection, and USB on-the-go boost (OTG)
BQ25886 TI1-BQ25886 Datasheet
2Mb / 37P
[Old version datasheet]   Standalone 2-Cell, 2-A boost-mode battery charger with power path, USB BC1.2 detection, and USB on-the-go boost (OTG)
BQ25890 TI-BQ25890_15 Datasheet
785Kb / 11P
[Old version datasheet]   bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com