Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25890RTWT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25890RTWT
Description  Adjustable Voltage USB On-the-Go Boost Mode
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25890RTWT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ25890RTWT Datasheet HTML 5Page - Texas Instruments BQ25890RTWT Datasheet HTML 6Page - Texas Instruments BQ25890RTWT Datasheet HTML 7Page - Texas Instruments BQ25890RTWT Datasheet HTML 8Page - Texas Instruments BQ25890RTWT Datasheet HTML 9Page - Texas Instruments BQ25890RTWT Datasheet HTML 10Page - Texas Instruments BQ25890RTWT Datasheet HTML 11Page - Texas Instruments BQ25890RTWT Datasheet HTML 12Page - Texas Instruments BQ25890RTWT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
9
bq25890, bq25892
www.ti.com
SLUSC86B – MARCH 2015 – REVISED MAY 2016
Product Folder Links: bq25890 bq25892
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VVBUS_UVLOZ < VVBUS < VACOV and VVBUS > VBAT > VSLEEP, TJ = –40°C to +125°C and TJ = 25°C for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBUS/BAT POWER UP
V(VBUS_OP)
VBUS operating range
3.9
14
V
V(VBUS_UVLOZ)
VBUS for active I2C, no battery
3.6
V
V(SLEEP)
Sleep mode falling threshold
25
65
120
mV
V(SLEEPZ)
Sleep mode rising threshold
130
250
370
mV
V(ACOV)
VBUS over-voltage rising threshold
14
14.6
V
VBUS over-voltage falling threshold
13.5
14
V
VBAT(UVLOZ)
Battery for active I2C, no VBUS
2.3
V
VBAT(DPL)
Battery depletion falling threshold
2.15
2.5
V
VBAT(DPLZ)
Battery depletion rising threshold
2.35
2.7
V
V(VBUSMIN)
Bad adapter detection threshold
3.8
V
I(BADSRC)
Bad adapter detection current source
30
mA
POWER-PATH MANAGEMENT
VSYS
Typical system regulation voltage
I(SYS) = 0 A, VBAT> VSYS(MIN),
BATFET Disabled (REG09[5]=1)
VBAT+
50 mV
V
Isys = 0 A, VBAT< VSYS(MIN),
BATFET Disabled (REG09[5]=1)
VBAT +
150 mV
V
VSYS(MIN)
Minimum DC system voltage output
VBAT< VSYS(MIN), SYS_MIN = 3.5
V (REG03[3:1]=101), ISYS= 0 A
3.50
3.65
V
VSYS(MAX)
Maximum DC system voltage output
VBAT = 4.35 V, SYS_MIN = 3.5V
(REG03[3:1]=101), ISYS= 0 A
4.40
4.42
V
RON(RBFET)
Top reverse blocking MOSFET(RBFET) on-
resistance between VBUS and PMID
TJ = –40°C to +85°C
27
38
m
Ω
TJ = –40°C to +125°C
27
44
m
Ω
RON(HSFET)
Top switching MOSFET (HSFET) on-resistance
between PMID and SW
TJ = –40°C to +85°C
27
39
m
Ω
TJ = –40°C to +125°C
27
47
m
Ω
RON(LSFET)
Bottom switching MOSFET (LSFET) on-
resistance between SW and GND
TJ = –40°C to +85°C
16
24
m
Ω
TJ = –40°C to +125°C
16
28
m
Ω
V(FWD)
BATFET forward voltage in supplement mode
BAT discharge current 10 mA
30
mV
VBAT(GD)
Battery good comparator rising threshold
VBAT rising
3.4
3.55
3.7
V
VBAT(GD_HYST)
Battery good comparator falling threshold
VBAT falling
100
mV


Similar Part No. - BQ25890RTWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25890HRTWR TI1-BQ25890HRTWR Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25890HRTWT TI1-BQ25890HRTWT Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25890 TI-BQ25890_15 Datasheet
785Kb / 11P
[Old version datasheet]   bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
More results

Similar Description - BQ25890RTWT

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
logo
Texas Instruments
BQ25883 TI1-BQ25883_19 Datasheet
3Mb / 86P
[Old version datasheet]   2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
BQ25883 TI1-BQ25883 Datasheet
2Mb / 79P
[Old version datasheet]   2-Cell, 2-A boost-mode battery charger with power path, USB on-the-go boost (OTG) for USB input
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200_04 Datasheet
97Kb / 7P
   EZ-OTG??Programmable USB On-The-Go
CY7C67200 CYPRESS-CY7C67200_06 Datasheet
1Mb / 78P
   EZ-OTG??Programmable USB On-The-Go
logo
Texas Instruments
BQ25896 TI-BQ25896_15 Datasheet
1Mb / 11P
[Old version datasheet]   bq25896 I2C Controlled Single Cell 3-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25896 TI-BQ25896_15 Datasheet
767Kb / 11P
[Old version datasheet]   bq25896 I2C Controlled Single Cell 3-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25886_1905 TI1-BQ25886_1905 Datasheet
2Mb / 37P
[Old version datasheet]   Standalone 2-Cell, 2-A boost-mode battery charger with power path, USB BC1.2 detection, and USB on-the-go boost (OTG)
BQ25886 TI1-BQ25886 Datasheet
2Mb / 37P
[Old version datasheet]   Standalone 2-Cell, 2-A boost-mode battery charger with power path, USB BC1.2 detection, and USB on-the-go boost (OTG)
BQ25890 TI-BQ25890_15 Datasheet
785Kb / 11P
[Old version datasheet]   bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com