Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ26221PWG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26221PWG4
Description  TEMPERATURE MEASUREMENT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ26221PWG4 Datasheet(HTML) 4 Page - Texas Instruments

  BQ26221PWG4 Datasheet HTML 1Page - Texas Instruments BQ26221PWG4 Datasheet HTML 2Page - Texas Instruments BQ26221PWG4 Datasheet HTML 3Page - Texas Instruments BQ26221PWG4 Datasheet HTML 4Page - Texas Instruments BQ26221PWG4 Datasheet HTML 5Page - Texas Instruments BQ26221PWG4 Datasheet HTML 6Page - Texas Instruments BQ26221PWG4 Datasheet HTML 7Page - Texas Instruments BQ26221PWG4 Datasheet HTML 8Page - Texas Instruments BQ26221PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
bq26221
SLUS607 − MAY 2004
4
www.ti.com
VFC characteristics over recommended operating temperature and supply voltage (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(SR)
Input voltage VSRP − VSRN
−100
100
mV
G(VFC)
Charge/discharge gain
Temperature = 25
_C,
VCC = 3.6
90.0
93.5
97.0
Hz/V
G(VCC)
Supply voltage gain coefficient
−100 mV < (V(SRP) − V(SRN)) < 100 mV
0.5
%/V
G(TCO)
Temperature gain coefficient
0.005
%/
_C
INL
Integrated nonlinearity
−100 mV < (V(SRP) − V(SRN)) < 100 mV
0.2%
0.5%
V(COS)
Auto compensated offset
2.8 V
≤ VCC ≤ 4.2 V
−20
−1
20
µV
flash memory characteristics over recommended operating temperature and supply voltage
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Data retention
5
Years
Flash programming write-cycles
10,000
Cycles
t(BYTEPROG) Byte programming time
90
t(BLCKPROG)
RAM-to-flash block programming
time
60
µs + 30 µs/byte
1020
µs
t(BLKERASE) Block-erase time
60
µs + 30 µs/byte
1020
standard serial communication (HDQ) timing specification over recommended operating
temperature and supply voltage (unless otherwise noted). See Figures 1 and 2.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
T(B)
Break timing
190
T(BR)
Break recovery
40
T(CYCH)
Host bit window
190
T(HW1)
Host sends 1
0.5
50
µs
T(HW0)
Host sends 0
92
145
µs
T(RSPS)
bq26221 to host response
190
320
T(CYCB)
bq26221 bit window
190
250
T(start−detect) (1)
5
ns
T(DW1)
bq26221, sends 1
32
50
s
T(DW0)
bq26221, sends 0
80
145
µs
NOTE 1. The HDQ engine of the bq26221 interpret a 5 ns or longer glitch on HDQ as a bit start. A sufficient number of glitches at 5 ns or longer
could result in incorrect data being written to the device. The HDQ line should be properly deglitched to ensure that this does not occur.
Not Recommended For New Designs


Similar Part No. - BQ26221PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26221PW TI-BQ26221PW Datasheet
284Kb / 20P
[Old version datasheet]   HIGH PERFORMANCE BATTERY MONITOR IC WITH COUOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
More results

Similar Description - BQ26221PWG4

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57885S0212 EPCOS-B57885S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57861S0202 EPCOS-B57861S0202 Datasheet
61Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-516-LI2UPN8X-H1141 TURCK-TS-516-LI2UPN8X-H1141 Datasheet
223Kb / 3P
   Temperature measurement
TTM-103A-G18-LIUPN-H1140 TURCK-TTM-103A-G18-LIUPN-H1140 Datasheet
158Kb / 2P
   Temperature measurement
TTM-206A-CF-LIUPN-H1140 TURCK-TTM-206A-CF-LIUPN-H1140 Datasheet
159Kb / 2P
   Temperature measurement
logo
EPCOS
B57891S0222 EPCOS-B57891S0222 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
   Temperature measurement
logo
EPCOS
B57871S0212 EPCOS-B57871S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57881S0212 EPCOS-B57881S0212 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TTM150C-203A-CF-LI6-H1140 TURCK-TTM150C-203A-CF-LI6-H1140 Datasheet
149Kb / 1P
   Temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com