Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27425-G2 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ27425-G2
Description  Fuel Gauge With Integrated Sense Resistor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27425-G2 Datasheet(HTML) 3 Page - Texas Instruments

  BQ27425-G2_15 Datasheet HTML 1Page - Texas Instruments BQ27425-G2_15 Datasheet HTML 2Page - Texas Instruments BQ27425-G2_15 Datasheet HTML 3Page - Texas Instruments BQ27425-G2_15 Datasheet HTML 4Page - Texas Instruments BQ27425-G2_15 Datasheet HTML 5Page - Texas Instruments BQ27425-G2_15 Datasheet HTML 6Page - Texas Instruments BQ27425-G2_15 Datasheet HTML 7Page - Texas Instruments BQ27425-G2_15 Datasheet HTML 8Page - Texas Instruments BQ27425-G2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
(TOP VIEW)
D1
D2
D3
E1
E2
E3
C1
C2
C3
B1
B2
B3
A1
A2
A3
D1
D2
D3
E1
E2
E3
C1
C2
C3
B1
B2
B3
A1
A2
A3
(BOTTOM VIEW)
D
E
Pin A1
Index Area
xx
xx
bq27425-G2
www.ti.com
SLUSB23B – OCTOBER 2012 – REVISED JUNE 2015
5 Device Comparison Table
FIRMWARE
COMMUNICATION
PART NUMBER
BATTERY TYPE
CHEM_ID (1)
VERSION (2)
FORMAT
bq27425YZFR-G2A
LiCoO2
0x128
(4.2 V maximum charge)
bq27425YZFT-G2A
2.05
I2C
(0x0205)
bq27425YZFR-G2B
LiMn2O4
0x312
(4.3 to 4.35 V maximum charge)
bq27425YZFT-G2B
(1)
Refer to the CHEM_ID subcommand to confirm the battery chemistry type.
(2)
Refer to the FW_VERSION subcommand to confirm the firmware version.
6 Pin Configuration and Functions
YZP Package
15-Pin DSBGA
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
BAT
E2
I
Cell-voltage measurement input. ADC input. Recommend 4.8 V maximum for conversion accuracy.
Battery-insertion detection input. A logic high-to-low transition is detected as a battery insertion event.
BIN
C3
I
Recommend using a pullup resistor >1 M
Ω (1.8 MΩ, typical) to VCC for reduced power consumption. An internal
pullup resistor option is also available using the Operation Configuration [BI_PU_EN] register bit.
CE
D2
I
Chip Enable. Internal LDO is disconnected from REGIN when driven low.
General Purpose open-drain output. May be configured as a Battery Low indicator or perform SOC interrupt
GPOUT
A2
O
(SOC_INT) function.
A1, B2
NA
No internal connection. May be left floating.
NC
C2, D3, E3
IO
Reserved for factory use. Must be left floating for proper operation.
REGIN
E1
P
Regulator input. Decouple with 0.1-
μF ceramic capacitor to VSS.
Slave I2C serial communications clock input line for communication with system (Master). Use with 10-k
Ω pullup
SCL
A3
I
resistor (typical).
Slave I2C serial communications data line for communication with system (Master). Open-drain IO. Use with 10-k
SDA
B3
I/O
pullup resistor (typical).
Integrated Sense Resistor and Coulomb Counter input typically connected to battery PACK– terminal. For best
SRX
B1
IA
performance decouple with 0.1-
μF ceramic capacitor to VSS.
VCC
D1
P
Regulator output and bq27425 processor power. Decouple with 1-
μF ceramic capacitor to VSS.
VSS
C1
P, IA
Device ground and Integrated Sense Resistor termination.
(1)
IO = Digital input/output, IA = Analog input, P = Power connection
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq27425-G2


Similar Part No. - BQ27425-G2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27425-G2 TI1-BQ27425-G2_14 Datasheet
1Mb / 35P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
More results

Similar Description - BQ27425-G2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27425-G1 TI1-BQ27425-G1 Datasheet
875Kb / 32P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27421-G1 TI-BQ27421-G1 Datasheet
959Kb / 20P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27421-G1 TI1-BQ27421-G1_16 Datasheet
1Mb / 28P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated Sense Resistor
BQ27425-G2 TI1-BQ27425-G2_14 Datasheet
1Mb / 35P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27427 TI-BQ27427 Datasheet
929Kb / 24P
[Old version datasheet]   BQ27427 System-Side Impedance Track™ Fuel Gauge With Integrated Sense Resistor
DECEMBER 2022
BQ27520-G1 TI1-BQ27520-G1_15 Datasheet
1,022Kb / 49P
[Old version datasheet]   Fuel Gauge With Integrated LDO
BQ27520-G3 TI-BQ27520-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G3 TI1-BQ27520-G3_17 Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520YZFR-G4 TI-BQ27520YZFR-G4 Datasheet
843Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com