Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ26221PWR Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ26221PWR
Description  TEMPERATURE MEASUREMENT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ26221PWR Datasheet(HTML) 2 Page - Texas Instruments

  BQ26221PWR Datasheet HTML 1Page - Texas Instruments BQ26221PWR Datasheet HTML 2Page - Texas Instruments BQ26221PWR Datasheet HTML 3Page - Texas Instruments BQ26221PWR Datasheet HTML 4Page - Texas Instruments BQ26221PWR Datasheet HTML 5Page - Texas Instruments BQ26221PWR Datasheet HTML 6Page - Texas Instruments BQ26221PWR Datasheet HTML 7Page - Texas Instruments BQ26221PWR Datasheet HTML 8Page - Texas Instruments BQ26221PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
bq26221
SLUS607 − MAY 2004
2
www.ti.com
ORDERING INFORMATION
{
TA
PACKAGE
PART NUMBER
TOP MARKING
−20
_C to 70_C
TSSOP
bq26221PW
26221
PW (TSSOP−8) package is available taped and reeled. Add R suffix to device type (e.g. bq26221PWR) to
order quantities of 2000 devices per reel for TSSOP-8.
ABSOLUTE MAXIMUM RATINGS over operating free-air temperature range (unless otherwise noted)(1)
bq26221
UNIT
Supply voltage (VCC with respect to GND)
−0.3 to +7.0
Input voltage, SRP and SRN, RBI, GPIO and BAT (all with respect to GND)
−0.3 V to VCC + 0.3 V
V
Input voltage, HDQ (with respect to GND)
−0.3 to +7.0
V
Output current (GPIO)
5
mA
Output current (HDQ)
5
mA
Operating free-air temperature range, TA
−20
°C to 70°C
Storage temperature range, Tstg
− 65
°C to 150°C
°C
Lead temperature (soldering, 10 s)
300
C
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only,
and operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
MAX
UNIT
VCC
Supply voltage
2.8
4.5
V
V(POR)
Power-on reset voltage
1.9
2.45
V
TA
Operating ambient temperature
−20
70
_C
Not Recommended For New Designs


Similar Part No. - BQ26221PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26221PW TI-BQ26221PW Datasheet
284Kb / 20P
[Old version datasheet]   HIGH PERFORMANCE BATTERY MONITOR IC WITH COUOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
More results

Similar Description - BQ26221PWR

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57885S0212 EPCOS-B57885S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57861S0202 EPCOS-B57861S0202 Datasheet
61Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-516-LI2UPN8X-H1141 TURCK-TS-516-LI2UPN8X-H1141 Datasheet
223Kb / 3P
   Temperature measurement
TTM-103A-G18-LIUPN-H1140 TURCK-TTM-103A-G18-LIUPN-H1140 Datasheet
158Kb / 2P
   Temperature measurement
TTM-206A-CF-LIUPN-H1140 TURCK-TTM-206A-CF-LIUPN-H1140 Datasheet
159Kb / 2P
   Temperature measurement
logo
EPCOS
B57891S0222 EPCOS-B57891S0222 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
   Temperature measurement
logo
EPCOS
B57871S0212 EPCOS-B57871S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57881S0212 EPCOS-B57881S0212 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TTM150C-203A-CF-LI6-H1140 TURCK-TTM150C-203A-CF-LI6-H1140 Datasheet
149Kb / 1P
   Temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com