Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ26501PWG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26501PWG4
Description  HANDHELD APPLICATIONS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ26501PWG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ26501PWG4 Datasheet HTML 6Page - Texas Instruments BQ26501PWG4 Datasheet HTML 7Page - Texas Instruments BQ26501PWG4 Datasheet HTML 8Page - Texas Instruments BQ26501PWG4 Datasheet HTML 9Page - Texas Instruments BQ26501PWG4 Datasheet HTML 10Page - Texas Instruments BQ26501PWG4 Datasheet HTML 11Page - Texas Instruments BQ26501PWG4 Datasheet HTML 12Page - Texas Instruments BQ26501PWG4 Datasheet HTML 13Page - Texas Instruments BQ26501PWG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
bq26501
SLUS586B − OCTOBER 2003 − REVISED MARCH 2004
10
www.ti.com
APPLICATION INFORMATION
Register Interface for bq26501
The bq26501 stores all calculated information in RAM, which is backed up by the voltage present on the RBI
pin. EEPROM registers store permanent user data. The memory map for bq26501 is shown in Table 1.
Table 1. bq26501 Memory Map
HDQ ADDRESS
NAME
FUNCTION (256 x High Byte + Low Byte)
LSB VALUE
EEPROM Registers
0x7F
TCOMP
Temperature compensation constants, OR, ID#1
0x7E
DCOMP
Discharge rate compensation constants, OR, ID#2
0x7D
ID3
ID#3
0x7C
PKCFG
Pack configuration values
0x7B
TAPER
Charge termination taper current
192
µV(1)
0x7A
DMFSD
Digital magnitude filter and self-discharge rate constants
0x79
ISLC
Initial standby load current
6
µV(1)
0x78
SEDV1
Scaled EDV1 threshold
0x77
SEDVF
Scaled EDVF threshold
0x76
ILMD
Initial last measured discharge high byte
768
µVh(1)
RAM Registers
0x6F − 0x75
RESERVED
0x6E
EE_EN
EEPROM program enable
0x14 − 0x6D
RESERVED
0x13 − 0x12
LMD
Last measured discharge high − low byte
3
µVh(1)
0x11 − 0x10
CACT
Temperature compensated CACD high – low byte
3
µVh(1)
0x0F − 0x0E
CACD
Discharge compensated NAC high − low byte
3
µVh(1)
0x0D − 0x0C
NAC
Nominal available capacity high − low byte
3
µVh(1)
0x0B
RSOC
Relative state of charge
1%
0x0A
FLAGS
Status flags
0x09 − 0x08
VOLT
Reported voltage high − low byte
1 mV
0x07 − 0x06
TEMP
Reported temperature high − low byte
0.25
°K
0x05 − 0x04
ARTTE
At rate time-to-empty high − low byte
1 minute
0x03 − 0x02
AR
At rate high − low byte
3
µV(1)
0x01
MODE
Device mode register
0x00
CTRL
Device control register
(1) Divide by RS(mΩ) to convert µV to mA or µVh to mAh.
Not Recommended For New Designs


Similar Part No. - BQ26501PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26501PW TI-BQ26501PW Datasheet
340Kb / 27P
[Old version datasheet]   SINGLE CELL LIION AND LIPOL BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
More results

Similar Description - BQ26501PWG4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 0; 9/11
MAX8969EWL33 MAXIM-MAX8969EWL33 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 1; 5/12
MAX8969 MAXIM-MAX8969_V01 Datasheet
1Mb / 18P
   Step-Up Converter for Handheld Applications
2020
logo
Monolithic Power System...
MP1026 MPS-MP1026 Datasheet
34Kb / 1P
   CCFL Driver For Handheld Display Applications
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969_12 Datasheet
1Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 1; 5/12
logo
NXP Semiconductors
TEA5767HN PHILIPS-TEA5767HN Datasheet
199Kb / 39P
   Low-power FM stereo radio for handheld applications
Rev. 04-20 February 2006
logo
Texas Instruments
LP3905 TI1-LP3905 Datasheet
957Kb / 24P
[Old version datasheet]   Power Management Unit For Low Power Handheld Applications
logo
NXP Semiconductors
TEA5768HL PHILIPS-TEA5768HL Datasheet
196Kb / 36P
   Low-power FM stereo radio for handheld applications
2004 Sep 13
logo
National Semiconductor ...
LP3905 NSC-LP3905 Datasheet
680Kb / 15P
   Power Management Unit For Low Power Handheld Applications
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com