Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ26231PWRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26231PWRG4
Description  EMBEDDED PORTABLE APPLICATIONS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ26231PWRG4 Datasheet(HTML) 5 Page - Texas Instruments

  BQ26231PWRG4 Datasheet HTML 1Page - Texas Instruments BQ26231PWRG4 Datasheet HTML 2Page - Texas Instruments BQ26231PWRG4 Datasheet HTML 3Page - Texas Instruments BQ26231PWRG4 Datasheet HTML 4Page - Texas Instruments BQ26231PWRG4 Datasheet HTML 5Page - Texas Instruments BQ26231PWRG4 Datasheet HTML 6Page - Texas Instruments BQ26231PWRG4 Datasheet HTML 7Page - Texas Instruments BQ26231PWRG4 Datasheet HTML 8Page - Texas Instruments BQ26231PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
bq26231
SLUS491 – JULY 2001
5
www.ti.com
detailed description
SR1–SR2 current sense inputs
The bq26231 interprets charge and discharge activity by monitoring and integrating the voltage drop V(SR)
across pins SR1 and SR2. The SR1 input connects to the sense resistor and the negative terminal of the battery.
The SR2 input connects to the sense resistor and the negative terminal of the pack. V(SR1) < V(SR2) indicates
discharge, and V(SR1) > V(SR2) indicates charge. The effective voltage drop, V(SRO), as seen by the bq26231,
is V(SR) +V(OS). Valid input range is ±200 mV. A 100 kΩ series resistor is recommended to protect these inputs
in case of a shorted battery.
HDQ data input/output
This bidirectional input/output communicates the register information to the host system. HDQ is open drain and
requires a pullup/pulldown resistor in the battery pack to disable/enable sleep mode if the pack is removed from
the system.
RBI register backup input
This input maintains the internal register states during periods when VCC is below the minimum operating
voltage.
Not Recommended for New Designs


Similar Part No. - BQ26231PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26231PWR TI-BQ26231PWR Datasheet
232Kb / 18P
[Old version datasheet]   LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
More results

Similar Description - BQ26231PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26231 TI-BQ26231 Datasheet
232Kb / 18P
[Old version datasheet]   LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
logo
Analog Intergrations Co...
AN002 AIC-AN002 Datasheet
91Kb / 5P
   Portable Applications
logo
Toshiba Semiconductor
TPCP8201 TOSHIBA-TPCP8201 Datasheet
248Kb / 7P
   Portable Equipment Applications
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6004 TOSHIBA-TPC6004_07 Datasheet
236Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6104 TOSHIBA-TPC6104_06 Datasheet
239Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8B01 TOSHIBA-TPCF8B01_09 Datasheet
312Kb / 9P
   Notebook PC Applications Portable Equipment Applications
TPC6102 TOSHIBA-TPC6102_06 Datasheet
198Kb / 7P
   Notebook PC Applications Portable Equipment Applications
logo
Shenzhen Huazhimei Semi...
HM5801 HMSEMI-HM5801 Datasheet
2Mb / 19P
   PMU for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com