Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16RIA120S90 Datasheet(PDF) 7 Page - International Rectifier

Part # 16RIA120S90
Description  MEDIUM POWER THYRISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16RIA120S90 Datasheet(HTML) 7 Page - International Rectifier

  16RIA120S90 Datasheet HTML 1Page - International Rectifier 16RIA120S90 Datasheet HTML 2Page - International Rectifier 16RIA120S90 Datasheet HTML 3Page - International Rectifier 16RIA120S90 Datasheet HTML 4Page - International Rectifier 16RIA120S90 Datasheet HTML 5Page - International Rectifier 16RIA120S90 Datasheet HTML 6Page - International Rectifier 16RIA120S90 Datasheet HTML 7Page - International Rectifier 16RIA120S90 Datasheet HTML 8Page - International Rectifier 16RIA120S90 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
16RIA Series
Bulletin I2404 rev. A 07/00
7
www.irf.com
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 9 - Current Ratings Characteristics
Fig. 8 - Current Ratings Characteristics
Fig. 10 - On-state Power Loss Characteristics
1
10
100
1000
0.5
1
1.522.5
3
3.5
T = 25°C
J
Instantaneous On-state Voltage (V)
16RIA Series
(100 to 1200V)
T = 125°C
J
80
90
100
110
120
130
02
46
8
10 12 14 16 18
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
16RIA Series (1400 to 1600V)
R
(DC) = 1.15 K/W
thJC
70
80
90
100
110
120
130
0
5
10
15
20
25
30
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
16RIA Series (1400 to 1600V)
R
(DC) = 1.15 K/W
thJC
025
50
75
100
125
MaximumAllowable Ambient Temperature (°C)
3.5
K/W
5 K
/W
7K/W
10 K/W
0
5
10
15
20
25
30
0
5
10
15
20
RMS Limit
Conduction Angle
Average On-state Current (A)
180°
120°
90°
60°
30°
16RIA Series
(1400 to 1600V)
T = 125°C
J


Similar Part No. - 16RIA120S90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16RIA120S90 VISHAY-16RIA120S90 Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 16 A
Revision: 19-Sep-08
More results

Similar Description - 16RIA120S90

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25RIA IRF-25RIA Datasheet
234Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PTS NELLSEMI-50PTS_17 Datasheet
714Kb / 7P
   Medium Power Thyristors
logo
International Rectifier
50RIA160S90M IRF-50RIA160S90M Datasheet
231Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PT NELLSEMI-50PT_14 Datasheet
1Mb / 7P
   Medium Power Thyristors
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA_13 Datasheet
134Kb / 4P
   MEDIUM POWER THYRISTORS
logo
International Rectifier
VS-22RIA120 IRF-VS-22RIA120 Datasheet
229Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Inchange Semiconductor ...
MCR231A ISC-MCR231A Datasheet
226Kb / 2P
   Medium Power Thyristors
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
326Kb / 4P
   MEDIUM POWER THYRISTORS
logo
International Rectifier
22RIA IRF-22RIA Datasheet
225Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
25PTS NELLSEMI-25PTS_17 Datasheet
277Kb / 6P
   Medium Power Thyristors
logo
International Rectifier
10RIA IRF-10RIA Datasheet
182Kb / 8P
   MEDIUM POWER THYRISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com