Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22RIA10S90 Datasheet(PDF) 2 Page - International Rectifier

Part # 22RIA10S90
Description  MEDIUM POWER THYRISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

22RIA10S90 Datasheet(HTML) 2 Page - International Rectifier

  22RIA10S90 Datasheet HTML 1Page - International Rectifier 22RIA10S90 Datasheet HTML 2Page - International Rectifier 22RIA10S90 Datasheet HTML 3Page - International Rectifier 22RIA10S90 Datasheet HTML 4Page - International Rectifier 22RIA10S90 Datasheet HTML 5Page - International Rectifier 22RIA10S90 Datasheet HTML 6Page - International Rectifier 22RIA10S90 Datasheet HTML 7Page - International Rectifier 22RIA10S90 Datasheet HTML 8Page - International Rectifier 22RIA10S90 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
22RIA Series
Bulletin I2403 rev. A 07/00
2
www.irf.com
Voltage
V
DRM/VRRM, max. repetitive
V
RSM , maximum non-
I
DRM/IRRM max.
Type number
Code
peak and off-state voltage (1)
repetitive peak voltage (2)
@ T
J = TJ max.
VV
mA
10
100
150
20
20
200
300
40
400
500
60
600
700
22RIA
80
800
900
10
100
1000
1100
120
1200
1300
140
1400
1500
160
1600
1700
I
T(AV)
Max. average on-state current
22
22
A
180° sinusoidal conduction
@ Case temperature
85
85
°C
I
T(RMS)
Max. RMS on-state current
35
35
A
I
TSM
Max. peak, one-cycle
400
340
A
t = 10ms
No voltage
non-repetitive surge current
420
355
t = 8.3ms
reapplied
335
285
t = 10ms
100% V
RRM
355
300
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
793
575
A2s
t = 10ms
No voltage
Initial T
J = TJ max.
724
525
t = 8.3ms
reapplied
560
405
t = 10ms
100% V
RRM
515
370
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
7930
5750
A2
√s
t = 0.1 to 10ms, no voltage reapplied, T
J = TJ max.
V
T(TO)1
Low level value of threshold
0.83
1.01
V
(16.7% x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ max.
voltage
V
T(TO)
2
High level value of threshold
0.95
1.17
(I >
π x I
T(AV)), TJ = TJ max.
voltage
r
t1
Low level value of on-state
14.9
12.24
m
(16.7% x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ max.
slope resistance
r
t2
High level value of on-state
13.4
10.35
(I >
π x I
T(AV)), TJ = TJ max.
slope resistance
V
TM
Max. on-state voltage
1.70
---
V
I
pk= 70 A, TJ = 25°C
---
1.80
I
H
Maximum holding current
130
mA
T
J = 25°C. Anode supply 6V, resistive load,
I
L
Latching current
200
22RIA
10 to 120
140 to 160
Parameter
Units
Conditions
ELECTRICAL SPECIFICATIONS
Voltage Ratings
On-state Conduction
(1) Units may be broken over non-repetitively in the off-state direction without damage, if dI/dt does not exceed 20A/µs
(2) For voltage pulses with t
p ≤ 5ms


Similar Part No. - 22RIA10S90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
22RIA10S90 VISHAY-22RIA10S90 Datasheet
152Kb / 8P
   Medium Power Thyristors (Stud Version), 22 A
Revision: 19-Sep-08
More results

Similar Description - 22RIA10S90

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25RIA IRF-25RIA Datasheet
234Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PTS NELLSEMI-50PTS_17 Datasheet
714Kb / 7P
   Medium Power Thyristors
logo
International Rectifier
50RIA160S90M IRF-50RIA160S90M Datasheet
231Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PT NELLSEMI-50PT_14 Datasheet
1Mb / 7P
   Medium Power Thyristors
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA_13 Datasheet
134Kb / 4P
   MEDIUM POWER THYRISTORS
logo
International Rectifier
VS-22RIA120 IRF-VS-22RIA120 Datasheet
229Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Inchange Semiconductor ...
MCR231A ISC-MCR231A Datasheet
226Kb / 2P
   Medium Power Thyristors
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
326Kb / 4P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
25PTS NELLSEMI-25PTS_17 Datasheet
277Kb / 6P
   Medium Power Thyristors
logo
International Rectifier
10RIA IRF-10RIA Datasheet
182Kb / 8P
   MEDIUM POWER THYRISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com