Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25046 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ25046
Description  Wireless Power Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25046 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ25046_14 Datasheet HTML 6Page - Texas Instruments BQ25046_14 Datasheet HTML 7Page - Texas Instruments BQ25046_14 Datasheet HTML 8Page - Texas Instruments BQ25046_14 Datasheet HTML 9Page - Texas Instruments BQ25046_14 Datasheet HTML 10Page - Texas Instruments BQ25046_14 Datasheet HTML 11Page - Texas Instruments BQ25046_14 Datasheet HTML 12Page - Texas Instruments BQ25046_14 Datasheet HTML 13Page - Texas Instruments BQ25046_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
bq25046
SLUSA83 – SEPTEMBER 2010
www.ti.com
Figure 3 shows typical waveforms for BQ25046 used in the wireless power system shown in Figure 2. In this plot
the BQ25046 IN voltage is blue, OUT voltage is red, PG voltage is green, and CHG voltage is magenta. As you
can see at the initial ping (i.e., beginning of power transfer) the IN voltage rises to 5 V and then the
MSP430BQ1010 begins to communicate to the transmitter via load modulation. After sending several messages
to establish communication with the transmitter, the BQ25046 OUT voltage is enabled and then the CHG pin is
pulled low. From this point forward the MSP430BQ1010 periodically communicates with the transmitter, and a
5-V regulated DC output voltage is present at the BQ25046 OUT pin.
Figure 3. Power-Up In a Wireless Power Application
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq25046


Similar Part No. - BQ25046_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25046 TI-BQ25046 Datasheet
1Mb / 19P
[Old version datasheet]   1.1A, Single-Input 5-V Power Supply IC for Wireless Power Applications
More results

Similar Description - BQ25046_14

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM210LW HOPE-RFM210LW Datasheet
1Mb / 17P
   Wireless applications
logo
Renesas Technology Corp
P9222-R RENESAS-P9222-R Datasheet
3Mb / 58P
   Wireless Power Receiver for Low Power Applications
May 5, 2022
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
   Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
   Wireless Power Receiver for 15W Applications
October 10, 2017
P9242-R RENESAS-P9242-R Datasheet
1Mb / 38P
   Wireless Power Transmitter for 15W Applications
January 16, 2018
logo
Integrated Device Techn...
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
   Wireless Power Receiver for 15W Applications
logo
Renesas Technology Corp
P9235A-R RENESAS-P9235A-R Datasheet
1Mb / 24P
   Wireless Power Transmitter for ≤3W Applications
May 17, 2016
logo
Advanced Crystal Techno...
ACTFF374S ACT-ACTFF374S Datasheet
157Kb / 5P
   Wireless LAN applications
SEPT 04
logo
STMicroelectronics
STM351-2 STMICROELECTRONICS-STM351-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
STM376-2 STMICROELECTRONICS-STM376-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com