Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F827 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 56F827
Description  56F827 16-bit Hybrid Controller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

56F827 Datasheet(HTML) 1 Page - Motorola, Inc

  56F827 Datasheet HTML 1Page - Motorola, Inc 56F827 Datasheet HTML 2Page - Motorola, Inc 56F827 Datasheet HTML 3Page - Motorola, Inc 56F827 Datasheet HTML 4Page - Motorola, Inc 56F827 Datasheet HTML 5Page - Motorola, Inc 56F827 Datasheet HTML 6Page - Motorola, Inc 56F827 Datasheet HTML 7Page - Motorola, Inc 56F827 Datasheet HTML 8Page - Motorola, Inc 56F827 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
DSP56F827/D
Rev. 9.0, 02/2004
© Motorola, Inc., 2004. All rights reserved.
56F827
Technical Data
56F827 16-bit Hybrid Controller
Up to 40 MIPS at 80MHz core frequency
DSP and MCU functionality in a unified,
C-efficient architecture
Hardware DO and REP loops
•64K
× 16-bit words Program Flash
•1K
× 16-bit words Program RAM
•4K
× 16-bit words Data Flash
•4K
× 16-bit words Data RAM
Up to 64K
× 16-bit words external memory
expansion each for Program and Data memory
JTAG/OnCE™ for debugging
General Purpose Quad Timer
MCU-friendly instruction set supports both DSP and
controller functions: MAC, bit manipulation unit, 14
addressing modes
8-channel Programmable Chip Select
10-channel, 12-bit ADC
Synchronous Serial Interface (SSI)
Serial Port Interface (SPI)
Serial Communications Interface (SCI)
Time-of-Day (TOD) Timer
128-pin LQFP Package
16-dedicated and 48 shared GPIO
Figure 1. 56F827 Block Diagram
JTAG/
OnCE
Port
Program Controller
and Hardware
Looping Unit
Data ALU
16 x 16 + 36
→ 36-Bit MAC
Three 16-bit Input Registers
Two 36-bit Accumulators
Address
Generation
Unit
Bit
Manipulation
Unit
16-Bit
56800
Core
PAB
PDB
XDB2
CGDB
XAB1
XAB2
INTERRUPT
CONTROLS
IPBB
CONTROLS
IPBus Bridge
(IPBB)
MODULE
CONTROLS
ADDRESS
BUS [8:0]
DATA
BUS [15:0]
COP
RESET
Application-
Specific
Memory &
Peripherals
Interrupt
Controller
COP/
Watchdog
Quad Timer A/
or GPIO
VSS VDDA
VSSA
6
4
External
Bus
Interface
Unit
RESET
IRQA
IRQB
EXTBOOT
VDDIO VSSIO
5
5
TOD
Timer
DEBUG
22
VDD
3
ADC
Program and Boot
Memory
64512 x 16 Flash
1024 x 16 SRAM
Data Memory
4096 x 16 Flash
4096 x 16 SRAM
SCI 2 or
GPIO
SSI 0 or
GPI0
SCI 0 &1 or
SPI 0
SPI 1 or
GPIO
Programmable
Chip Select
Dedicated
GPIO
Analog Reg
Low Voltage Supervisor
16
16
External
Address Bus
Switch
External
Data Bus
Switch
Bus
Control
PLL
Clock
Gen
inputs
10
3
VREFLO
VREFHI
4
VPP
2
6
4
4
6
16
CLKO
EXTAL
XTAL
16
16
A[00:15]
or
GPIOA16[00:16]
D[00:15]
or
GPIOG16[00:16]
PS or PCS[0]
DS or PCS[1]
WR
RD
VREFP, VREFMID,
VREFIN
PCS [2:7}
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - 56F827

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F827 FREESCALE-56F827 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F827

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F805 MOTOROLA-DSP56F805 Datasheet
967Kb / 48P
   16-bit Hybrid Controller
56F8356 MOTOROLA-56F8356 Datasheet
1Mb / 160P
   56F8356 16-bit Hybrid Controller
56F801 MOTOROLA-56F801 Datasheet
858Kb / 44P
   56F801 16-bit Hybrid Controller
MC56F8346 MOTOROLA-MC56F8346 Datasheet
1Mb / 160P
   56F8346 16-bit Hybrid Controller
56F803 MOTOROLA-56F803 Datasheet
947Kb / 48P
   56F803 16-bit Hybrid Controller
56F8322 MOTOROLA-56F8322 Datasheet
1Mb / 128P
   56F8322 16-bit Hybrid Controller
56F8345 MOTOROLA-56F8345 Datasheet
1Mb / 148P
   56F8345 16-bit Hybrid Controller
logo
List of Unclassifed Man...
56F8357 ETC-56F8357 Datasheet
2Mb / 172P
   16-BIT HYBRID CONTROLLERS
logo
Motorola, Inc
MC56F8323 MOTOROLA-MC56F8323 Datasheet
1Mb / 140P
   16-bit Hybrid Controllers
logo
Freescale Semiconductor...
56F8347 FREESCALE-56F8347 Datasheet
1Mb / 176P
   16-BIT HYBRID CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com