Electronic Components Datasheet Search |
|
SN74ALVTH162245DL Datasheet(PDF) 4 Page - Texas Instruments |
|
|
SN74ALVTH162245DL Datasheet(HTML) 4 Page - Texas Instruments |
4 / 15 page SN54ALVTH162245, SN74ALVTH162245 2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCES331A – APRIL 2000 – REVISED APRIL 2002 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions, VCC = 2.5 V ± 0.2 V (see Note 3) SN54ALVTH162245 SN74ALVTH162245 UNIT MIN TYP MAX MIN TYP MAX UNIT VCC Supply voltage 2.3 2.7 2.3 2.7 V VIH High-level input voltage 1.7 1.7 V VIL Low-level input voltage 0.7 0.7 V VI Input voltage 0 VCC 5.5 0 VCC 5.5 V IOH High-level output current (A port) –6 –8 mA IOH High-level output current (B port) –6 –8 mA Low-level output current (A port) 6 12 IOL Low-level output current (B port) 6 8 mA IOL Low-level output current; current duty cycle ≤ 50%; f ≥ 1 kHz (B port) 18 24 mA ∆t/∆v Input transition rise or fall rate Outputs enabled 10 10 ns/V ∆t/∆VCC Power-up ramp rate 200 200 µs/V TA Operating free-air temperature –55 125 –40 85 °C NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. recommended operating conditions, VCC = 3.3 V ± 0.3 V (see Note 3) SN54ALVTH162245 SN74ALVTH162245 UNIT MIN TYP MAX MIN TYP MAX UNIT VCC Supply voltage 3 3.6 3 3.6 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V VI Input voltage 0 VCC 5.5 0 VCC 5.5 V IOH High-level output current (A port) –8 –12 mA IOH High-level output current (B port) –24 –32 mA Low-level output current (A port) 8 12 IOL Low-level output current (B port) 24 32 mA IOL Low-level output current; current duty cycle ≤ 50%; f ≥ 1 kHz (B port) 48 64 mA ∆t/∆v Input transition rise or fall rate Outputs enabled 10 10 ns/V ∆t/∆VCC Power-up ramp rate 200 200 µs/V TA Operating free-air temperature –55 125 –40 85 °C NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Similar Part No. - SN74ALVTH162245DL |
|
Similar Description - SN74ALVTH162245DL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |