Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B64290P0683X038 Datasheet(PDF) 2 Page - TDK Electronics

Part # B64290P0683X038
Description  Ferrites and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B64290P0683X038 Datasheet(HTML) 2 Page - TDK Electronics

  B64290P0683X038 Datasheet HTML 1Page - TDK Electronics B64290P0683X038 Datasheet HTML 2Page - TDK Electronics B64290P0683X038 Datasheet HTML 3Page - TDK Electronics B64290P0683X038 Datasheet HTML 4Page - TDK Electronics B64290P0683X038 Datasheet HTML 5Page - TDK Electronics B64290P0683X038 Datasheet HTML 6Page - TDK Electronics B64290P0683X038 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
07/14
Please read Cautions and warnings and
Important notes at the end of this document.
1) On request
Parylene coating
R3.05
× 1.27 × 1.27 (mm)
R0.120
× 0.050 × 0.050 (inch)
Dimensions
Characteristics and ordering codes
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
3.05
±0.12 1.27 ±0.12 1.27 ±0.12
0.120
±0.005 0.050 ±0.005 0.050 ±0.005 uncoated1)
Coating thickness 0.017 mm
coated
Mate-
rial
AL value
nH
μ
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
Σl/A
mm –1
le
mm
Ae
mm2
Ve
mm3
K10
160
±25%
700
B64290P0683X010
5.65
5.99
1.06
6.4
0.04
T57
830
±25%
3700
B64290P0683X057
T65
1000
±30%
4500
B64290P0683X065
T38
2200
±30%
9900
B64290P0683X038
T46
3340
±30% 15000
B64290P0683X046
B64290P0683
R3.05
× 1.27 × 1.27


Similar Part No. - B64290P0683X038

ManufacturerPart #DatasheetDescription
logo
EPCOS
B64290P0683X038 EPCOS-B64290P0683X038 Datasheet
1Mb / 34P
   Ferrites and accessories
More results

Similar Description - B64290P0683X038

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com