Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B64291A1104X000 Datasheet(PDF) 9 Page - TDK Electronics

Part # B64291A1104X000
Description  Ferrites and accessories
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B64291A1104X000 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B64291A1104X000 Datasheet HTML 5Page - TDK Electronics B64291A1104X000 Datasheet HTML 6Page - TDK Electronics B64291A1104X000 Datasheet HTML 7Page - TDK Electronics B64291A1104X000 Datasheet HTML 8Page - TDK Electronics B64291A1104X000 Datasheet HTML 9Page - TDK Electronics B64291A1104X000 Datasheet HTML 10Page - TDK Electronics B64291A1104X000 Datasheet HTML 11Page - TDK Electronics B64291A1104X000 Datasheet HTML 12Page - TDK Electronics B64291A1104X000 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Housings for ring cores – vertical version
Material:
B64292A: GFR polycarbonate UL94 V-0
Makrolon 9415 [E41613], color code blue, BAYER MATERIALSCIENCE AG
B64292B: GFR liquid crystal polymer UL94 V-0
Vectra E130i [E83005], color code natural, TICONA
Solderability (lead-free): to IEC 60068-2-20, test Ta, + 245
 5 °C, 3  0.3 s
Resistance to soldering heat (wave soldering): to IEC 60068-2-20, test Tb, + 260
 5 °C, 10  1 s
1) B64292A1604X000 with unsymetrical lead spacing (12.7
 2.54/5.08 mm)
Housings – vertical version
Ordering code
Figure
Inner diamensions
mm
Height
mm
Lead spacing
mm
Pins
a11.9
 6.0
14.0
10.0
 7.5
4
B64292A1004X000
11.9
 6.0
14.0
10.0
 7.5
4
B64292B1004X000
11.9
 6.0
14.0
see picture
8
B64292A1008X000
b21.0
 10.5
25.4
10.0
 12.5
4
B64292A1104X000
c25.7
 13.2
30.5
12.5
 15.0
4
B64292A1204X000
d29.0
 11.3
33.2
12.5
 15.0
4
B64292A1304X000
e38.3
 13.3
40.0
12.5
 17.5
4
B64292A1404X000
B64292
Preliminary data
Housings for ring cores
Toroids (ring cores) accessories


Similar Part No. - B64291A1104X000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B64290 EPCOS-B64290 Datasheet
111Kb / 4P
   Ferrites and accessories
B64290 EPCOS-B64290 Datasheet
153Kb / 6P
   Ferrites and accessories
B64290 EPCOS-B64290 Datasheet
164Kb / 4P
   Ferrites and accessories
B64290 EPCOS-B64290 Datasheet
1Mb / 34P
   Ferrites and accessories
logo
TDK Electronics
B64290A0040X010 TDK-B64290A0040X010 Datasheet
156Kb / 7P
   Ferrites and accessories
More results

Similar Description - B64291A1104X000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com