Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65659F0001X023 Datasheet(PDF) 4 Page - TDK Electronics

Part # B65659F0001X023
Description  Ferrites and accessories
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B65659F0001X023 Datasheet(HTML) 4 Page - TDK Electronics

  B65659F0001X023 Datasheet HTML 1Page - TDK Electronics B65659F0001X023 Datasheet HTML 2Page - TDK Electronics B65659F0001X023 Datasheet HTML 3Page - TDK Electronics B65659F0001X023 Datasheet HTML 4Page - TDK Electronics B65659F0001X023 Datasheet HTML 5Page - TDK Electronics B65659F0001X023 Datasheet HTML 6Page - TDK Electronics B65659F0001X023 Datasheet HTML 7Page - TDK Electronics B65659F0001X023 Datasheet HTML 8Page - TDK Electronics B65659F0001X023 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
02/16
Please read Cautions and warnings and
Important notes at the end of this document.
Ungapped
Material
AL value
nH
e
PV
W/set
Ordering code
-C with center hole
-J without center hole
N48
2200 +30/–20%
1500
B65807C0000R048
N45
3500 +30/–20%
2180
B65807J0000R045
N30
4300 +30/–20%
2670
B65807J0000R030
T35
6200 +30/–20%
3860
B65807J0000R035
T38
8600 +40/–30%
5350
B65807J0000Y038
T66
12300 +40/–30%
7650
B65807J0000Y066
N49
1700 +30/–20%
1060
< 0.15 ( 50 mT, 500 kHz, 100 C)
B65807J0000R049
N87
2400 +30/–20%
1490
< 0.51 (200 mT, 100 kHz, 100 C)
B65807J0000R087
N97
2400 +30/–20%
1490
< 0.39 (200 mT, 100 kHz, 100 C)
B65807J0000R097
N41
3100 +30/–20%
1930
< 0.16 (200 mT, 25 kHz, 100 C)
B65807J0000R041
B65807
Core
RM 6


Similar Part No. - B65659F0001X023

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65659F0001X023 EPCOS-B65659F0001X023 Datasheet
153Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65659F0001X023 EPCOS-B65659F0001X023 Datasheet
344Kb / 13P
   RM cores are supplied in sets
B65659F0001X023 EPCOS-B65659F0001X023 Datasheet
479Kb / 13P
   Ferrites and accessories
B65659F0001X023 EPCOS-B65659F0001X023 Datasheet
93Kb / 7P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65659F0001X023 EPCOS-B65659F0001X023 Datasheet
567Kb / 17P
   Ferrites and accessories
More results

Similar Description - B65659F0001X023

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com