Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65807P0000R092 Datasheet(PDF) 8 Page - TDK Electronics

Part # B65807P0000R092
Description  Ferrites and accessories
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B65807P0000R092 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B65807P0000R092 Datasheet HTML 4Page - TDK Electronics B65807P0000R092 Datasheet HTML 5Page - TDK Electronics B65807P0000R092 Datasheet HTML 6Page - TDK Electronics B65807P0000R092 Datasheet HTML 7Page - TDK Electronics B65807P0000R092 Datasheet HTML 8Page - TDK Electronics B65807P0000R092 Datasheet HTML 9Page - TDK Electronics B65807P0000R092 Datasheet HTML 10Page - TDK Electronics B65807P0000R092 Datasheet HTML 11Page - TDK Electronics B65807P0000R092 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
02/16
Please read Cautions and warnings and
Important notes at the end of this document.
Clamp
With ground terminal, made of stainless spring steel (tinned), 0.4 mm thick
Solderability to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 C, 2 s
Also available as strip clamp on reels on request
Insulating washer 1 between core and coil former
For tolerance compensation and for insulation
Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E
120 C), 0.08 mm thick
Aryphan F685, E167358 (M) , natural color, LOFO HIGH TECH FILM GMBH
Insulating washer 2 for double-clad PCBs
Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E
120 C), 0.25 mm thick
Makrofol FR7-2, E118859 (M) , natural color, BAYER MATERIALSCIENCE AG
Ordering code
Clamp (ordering code per piece, 2 are required)
B65808B2203X000
Insulating washer 1 (reel packing, PU = 1 reel)
B65808A5000X000
Insulating washer 2 (bulk)
B65808C2005X000
Clamp
Insulating washer 1
(preliminary data)
Insulating washer 2
Clamping forces for RM 6
Fmin: Extension of clamp from a to a2 = Xmin
Fmax: Extension of clamp from a to a1 = Xmax
Clamp opening a (mm)
9.5 +0.2
Core nose Zmax (mm)
0.22
Height of core pair X (mm) Xmin
Xmax
10.1
10.6
Clamping force F (N)
Fmin
Fmax
7
50
B65808
Accessories
RM 6


Similar Part No. - B65807P0000R092

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65807P0000R092 EPCOS-B65807P0000R092 Datasheet
479Kb / 13P
   Ferrites and accessories
B65807P0000R092 EPCOS-B65807P0000R092 Datasheet
567Kb / 17P
   Ferrites and accessories
More results

Similar Description - B65807P0000R092

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com