Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC74 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVC74
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC74 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVC74 Datasheet HTML 1Page - NXP Semiconductors 74ALVC74 Datasheet HTML 2Page - NXP Semiconductors 74ALVC74 Datasheet HTML 3Page - NXP Semiconductors 74ALVC74 Datasheet HTML 4Page - NXP Semiconductors 74ALVC74 Datasheet HTML 5Page - NXP Semiconductors 74ALVC74 Datasheet HTML 6Page - NXP Semiconductors 74ALVC74 Datasheet HTML 7Page - NXP Semiconductors 74ALVC74 Datasheet HTML 8Page - NXP Semiconductors 74ALVC74 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2003 May 26
2
Philips Semiconductors
Product specification
Dual D-type flip-flop with set and reset;
positive-edge trigger
74ALVC74
FEATURES
• Wide supply voltage range from 1.65 to 3.6 V
• Complies with JEDEC standard:
JESD8-7 (1.65 to 1.95 V)
JESD8-5 (2.3 to 2.7 V)
JESD8B/JESD36 (2.7 to 3.6 V).
• 3.6 V tolerant inputs/outputs
• CMOS low power consumption
• Direct interface with TTL levels (2.7 to 3.6 V)
• Power-down mode
• Latch-up performance exceeds 250 mA
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
DESCRIPTION
The 74ALVC74 is a dual positive-edge triggered, D-type
flip-flop with individual data (D), clock (CP), set (SD) and
reset (RD) inputs and complementary Q and Q outputs.
The set and reset are asynchronous active LOW inputs
and operate independently of the clock input. Information
on the data input is transferred to the Q output on the
LOW-to-HIGH transition of the clock pulse. The D inputs
must be stable one set-up time prior to the LOW-to-HIGH
clock transition for predictable operation.
Schmitt-trigger action in the clock input makes the circuit
highly tolerant to slower clock rise and fall times.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(CL × VCC2 × fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
propagation delay nCP to nQ, nQVCC = 1.8 V; CL = 30 pF; RL =1kΩ
3.7
ns
VCC = 2.5 V; CL = 30 pF; RL = 500 Ω
2.6
ns
VCC = 2.7 V; CL = 50 pF; RL = 500 Ω
2.8
ns
VCC = 3.3 V; CL = 50 pF; RL = 500 Ω
2.7
ns
tPHL/tPLH
propagation delay nSD, nRD to nQ, nQVCC = 1.8 V; CL = 30 pF; RL =1kΩ
3.5
ns
VCC = 2.5 V; CL = 30 pF; RL = 500 Ω
2.5
ns
VCC = 2.7 V; CL = 50 pF; RL = 500 Ω
3.1
ns
VCC = 3.3 V; CL = 50 pF; RL = 500 Ω
2.3
ns
fmax
maximum clock frequency
425
MHz
CI
input capacitance
3.5
pF
CPD
power dissipation capacitance per buffer
VCC = 3.3 V; notes 1 and 2
35
pF


Similar Part No. - 74ALVC74

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC74 NEXPERIA-74ALVC74 Datasheet
258Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 6 - 27 July 2021
74ALVC74BQ NEXPERIA-74ALVC74BQ Datasheet
258Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 6 - 27 July 2021
74ALVC74D NEXPERIA-74ALVC74D Datasheet
258Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 6 - 27 July 2021
74ALVC74PW NEXPERIA-74ALVC74PW Datasheet
258Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 6 - 27 July 2021
More results

Similar Description - 74ALVC74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
logo
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com