Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D24051QM96G4Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # D24051QM96G4Q1
Description  HIGH-SPEED CMOS LOGIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

D24051QM96G4Q1 Datasheet(HTML) 1 Page - Texas Instruments

  D24051QM96G4Q1 Datasheet HTML 1Page - Texas Instruments D24051QM96G4Q1 Datasheet HTML 2Page - Texas Instruments D24051QM96G4Q1 Datasheet HTML 3Page - Texas Instruments D24051QM96G4Q1 Datasheet HTML 4Page - Texas Instruments D24051QM96G4Q1 Datasheet HTML 5Page - Texas Instruments D24051QM96G4Q1 Datasheet HTML 6Page - Texas Instruments D24051QM96G4Q1 Datasheet HTML 7Page - Texas Instruments D24051QM96G4Q1 Datasheet HTML 8Page - Texas Instruments D24051QM96G4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CD74HCT4051-Q1
HIGH-SPEED CMOS LOGIC
ANALOG MULTIPLEXER/DEMULTIPLEXER
SCLS569B − JANUARY 2004 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D Wide Analog Input Voltage Range:
+5 V Max
D Low ON Resistance
− 70
W Typical (VCC − VEE = 4.5 V)
− 40
W Typical (VCC − VEE = 9 V)
D Low Crosstalk Between Switches
D Fast Switching and Propagation Speeds
D Break-Before-Make Switching
D Wide Operating Temperature Range: −405C
to 125
5C
D Operation Control Voltage: 4.5 V to 5.5 V
D Switch Voltage: 0 V to 10 V
D Direct LSTTL Input Logic Compatibility:
VIL = 0.8 V Max, VIH = 2 V Min
D CMOS Input Compatibility: I
I v 1 mA at VOL,
VOH
description/ordering information
This device is a digitally controlled analog switch that
utilizes silicon-gate CMOS technology to achieve
operating speeds similar to LSTTL, with the low
power consumption of standard CMOS integrated
circuits.
This analog multiplexer/demultiplexer controls analog voltages that may vary across the voltage supply range
(i.e., VCC to VEE ). It is a bidirectional switch that allows any analog input to be used as an output and vice-versa.
The switch has low ON resistance and low OFF leakages. In addition, this device has an enable control that,
when high, disables all switches to their OFF state.
ORDERING INFORMATION{
TA
PACKAGE
ORDERABLE
PART NUMBER§
TOP-SIDE
MARKING
−40
°C to 125°C
SOIC − M
Reel of 2500
CD74HCT4051QM96Q1
HCT4051Q
For the most current package and ordering information, see the Package Option Addendum at the
end of this document, or see the TI web site at http://www.ti.com.
Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
§ The suffix 96 denotes tape and reel.
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
M PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A4
A6
COM OUT/IN A
A7
A5
E
VEE
GND
VCC
A2
A1
A0
A3
S0
S1
S2


Similar Part No. - D24051QM96G4Q1

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
D240512XM MICRODC-D240512XM Datasheet
415Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D240512XMS MICRODC-D240512XMS Datasheet
391Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D240512XND MICRODC-D240512XND Datasheet
631Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
D240512XNM MICRODC-D240512XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D240512XNS MICRODC-D240512XNS Datasheet
631Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
More results

Similar Description - D24051QM96G4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
[Old version datasheet]   HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC595 SS-54HC595_V01 Datasheet
1Mb / 9P
   High Speed CMOS Logic
Rev 1.2 22/12/21
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
   High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
   High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
   High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
   High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
   High Speed CMOS Logic
54HC00 SS-54HC00 Datasheet
372Kb / 5P
   High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
   High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
   High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
   High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com