Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT4067QM96Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT4067QM96Q1
Description  HIGH-SPEED CMOS LOGIC 16-CHANNEL ANALOG MULTIPLEXER and DEMULTIPLEXER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT4067QM96Q1 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT4067QM96Q1 Datasheet HTML 1Page - Texas Instruments CD74HCT4067QM96Q1 Datasheet HTML 2Page - Texas Instruments CD74HCT4067QM96Q1 Datasheet HTML 3Page - Texas Instruments CD74HCT4067QM96Q1 Datasheet HTML 4Page - Texas Instruments CD74HCT4067QM96Q1 Datasheet HTML 5Page - Texas Instruments CD74HCT4067QM96Q1 Datasheet HTML 6Page - Texas Instruments CD74HCT4067QM96Q1 Datasheet HTML 7Page - Texas Instruments CD74HCT4067QM96Q1 Datasheet HTML 8Page - Texas Instruments CD74HCT4067QM96Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
COMMON I/O
I
I
I
I
I
I
I
I
S
S
GND
7
6
5
4
3
2
1
0
0
1
VCC
I
I
I
8
9
10
I11
I12
I13
I14
I15
E
S
S
2
3
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CD74HCT4067-Q1
SCLS601B – DECEMBER 2004 – REVISED AUGUST 2012
HIGH-SPEED CMOS LOGIC 16-CHANNEL ANALOG MULTIPLEXER and DEMULTIPLEXER
Check for Samples: CD74HCT4067-Q1
1
1 FEATURES
1
Qualified for Automotive Applications
AEC-Q100 Test Guidance With the Following
Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level H1A
Device CDM ESD Classification Level C2
Wide Analog Input Voltage Range
Low ON Resistance
70
Ω Typical (VCC = 4.5 V)
Fast Switching and Propagation Speeds
Break-Before-Make Switching
6 ns Typical (VCC = 4.5 V)
Fanout (Over Temperature Range)
Standard Outputs: 10 LSTTL Loads
Bus Driver Outputs: 15 LSTTL Loads
Balanced Propagation Delay and Transition Times
Significant Power Reduction Compared to LSTTL
Logic ICs
4.5-V to 5.5-V Operation
Direct LSTTL Input Logic Compatibility: VIL = 0.8
V Max, VIH = 2 V Min
CMOS Input Compatibility: II ≤ 1 µA at VOL, VOH
2 APPLICATIONS
Automotive
Analog Switch
Analog Multiplexer and Demultiplexer
M PACKAGE
(TOP VIEW)
3 DESCRIPTION
The CD74HCT4067-Q1 device is a digitally controlled analog switch that utilizes silicon-gate CMOS technology
to achieve operating speeds similar to LSTTL, with the low power consumption of standard CMOS integrated
circuits.
This analog multiplexer and demultiplexer controls analog voltages that may vary across the voltage supply
range. It is a bidirectional switch, thus allowing any analog input to be used as an output and vice-versa. The
switch has low (on) resistance and low (off) leakages. In addition, the device has an enable control that, when
high, disables all switches to their off state.
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
The suffix 96 denotes tape and reel.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER(3)
TOP-SIDE MARKING
–40°C to 125°C
DW-SOIC-M
Reel of 2000
CD74HCT4067QM96Q1
HCT4067I


Similar Part No. - CD74HCT4067QM96Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT4067 TI-CD74HCT4067 Datasheet
45Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067 TI-CD74HCT4067 Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067 TI-CD74HCT4067 Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067M TI-CD74HCT4067M Datasheet
780Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067M TI-CD74HCT4067M Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
More results

Similar Description - CD74HCT4067QM96Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067 Datasheet
45Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM TI-CD74HC4067SM Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067M96 TI-CD74HCT4067M96 Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067 TI-CD74HC4067_13 Datasheet
780Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
236Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com