Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G126DRLRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # 74LVC1G126DRLRG4
Description  Single Bus Buffer Gate With 3-State Output
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G126DRLRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button 74LVC1G126DRLRG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G126DRLRG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G126DRLRG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G126DRLRG4 Datasheet HTML 9Page - Texas Instruments 74LVC1G126DRLRG4 Datasheet HTML 10Page - Texas Instruments 74LVC1G126DRLRG4 Datasheet HTML 11Page - Texas Instruments 74LVC1G126DRLRG4 Datasheet HTML 12Page - Texas Instruments 74LVC1G126DRLRG4 Datasheet HTML 13Page - Texas Instruments 74LVC1G126DRLRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
A
Y
OE
1
2
4
SN74LVC1G126
SCES224R – APRIL 1999 – REVISED JANUARY 2015
www.ti.com
9 Detailed Description
9.1 Overview
The SN74LVC1G126 device contains a dual buffer gate with output enable control and performs the Boolean
function Y = A.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
To ensure the high-impedance state during power up or power down, OE should be tied to GND through a pull-
down resistor; the minimum value of the resistor is determined by the current-sourcing capability of the driver.
9.2 Functional Block Diagram
9.3 Feature Description
1.65 V to 5.5 V operating voltage range
Allows down voltage translation
5 V to 3.3 V
5 V or 3.3 V to 1.8 V
Inputs accept voltages to 5.5 V
5.5-V tolerance on input pin when VCC = 0 V
Ioff feature
Allows voltage on the inputs and outputs when VCC is 0 V
Able to reduce leakage when VCC is 0 V
9.4 Device Functional Modes
Table 1. Function Table
INPUTS
OUTPUT
Y
OE
A
H
H
H
H
L
L
L
X
Z
10
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G126


Similar Part No. - 74LVC1G126DRLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G126DRLRG4 TI-74LVC1G126DRLRG4 Datasheet
470Kb / 18P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

Similar Description - 74LVC1G126DRLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G126 TI1-SN74AUC1G126_07 Datasheet
559Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com