Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAV Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAV
Description  Digital-to-Analog Converter
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39J84IAAV Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC39J84IAAV Datasheet HTML 6Page - Texas Instruments DAC39J84IAAV Datasheet HTML 7Page - Texas Instruments DAC39J84IAAV Datasheet HTML 8Page - Texas Instruments DAC39J84IAAV Datasheet HTML 9Page - Texas Instruments DAC39J84IAAV Datasheet HTML 10Page - Texas Instruments DAC39J84IAAV Datasheet HTML 11Page - Texas Instruments DAC39J84IAAV Datasheet HTML 12Page - Texas Instruments DAC39J84IAAV Datasheet HTML 13Page - Texas Instruments DAC39J84IAAV Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 149 page
background image
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
6.6 Digital Electrical Characteristics
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CML SERDES INPUTS: RX[7:0]P/N
VDIFF
Receiver Input Amplitude
50
1200
mV
Input Common Mode (TERM=111)
600
Input Common Mode (TERM=001)
700
VCOM
mV
Input Common Mode (TERM=100)
0
Input Common Mode (TERM=101)
250
ZDIFF
Internal differential termination
85
100
115
Ω
fDATA
Serdes bit rate
0.78125
12.5
Gbps
LVPECL INPUTS: SYSREFP/N
VCOM
Input common mode voltage
0.5
V
Differential input peak-to-peak
VIDPP
400
800
mV
voltage
ZT
Internal termination
100
Ω
CL
Input capacitance
2
pF
LVPECL INPUTS: DACCLKP/N
VCOM
Input common mode voltage
0.5
V
Differential input peak-to-peak
VIDPP
400
800
mV
voltage
ZT
Internal termination
100
Ω
CL
Input capacitance
2
pF
Duty cycle
40%
60%
fDACCLK
DACCLKP/N Input Frequency
2.5
GHz
LVDS OUTPUTS: SYNCBP/N
VCOM
Output common mode voltage
1.2
V
ZT
Internal termination
100
Ω
VOD
Differential output voltage swing
0.5
V
CMOS INTERFACE: SDENB, SCLK, SDIO, SDO, TXENA, ALARM, RESETB, SLEEP, TMS, TCLK, TDI, TDO, TRSTB, TESTMODE, SYNC_N_AB,
SYNC_N_CD
0.7 x
VIH
High-level input voltage
V
VDDIO
0.3 x
VIL
Low-level input voltage
V
VDDIO
IIH
High-level input current
-40
40
µA
IIL
Low-level input current
-40
40
µA
CI
CMOS Input capacitance
2
pF
VDDIO –
Iload =–100
μA
0.2
VOH
ALARM, SDO, SDIO, TDO
V
0.8 x
Iload = –2 mA
VDDIO
Iload = 100
μA
0.2
VOL
ALARM, SDO, SDIO, TDO
V
Iload = 2 mA
0.5
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84


Similar Part No. - DAC39J84IAAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC39J84IAAV TI-DAC39J84IAAV Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
DAC39J84IAAVR TI-DAC39J84IAAVR Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
More results

Similar Description - DAC39J84IAAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com