Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC101C081Q Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC101C081Q
Description  DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC101C081Q Datasheet(HTML) 4 Page - Texas Instruments

  DAC101C081Q Datasheet HTML 1Page - Texas Instruments DAC101C081Q Datasheet HTML 2Page - Texas Instruments DAC101C081Q Datasheet HTML 3Page - Texas Instruments DAC101C081Q Datasheet HTML 4Page - Texas Instruments DAC101C081Q Datasheet HTML 5Page - Texas Instruments DAC101C081Q Datasheet HTML 6Page - Texas Instruments DAC101C081Q Datasheet HTML 7Page - Texas Instruments DAC101C081Q Datasheet HTML 8Page - Texas Instruments DAC101C081Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Snap
Back
GND
D1
PIN
Snap
Back
GND
D1
PIN
V+
2.1k
41.5k
41.5k
ADR1
SDA
ADR0
VA
GND
VSSOP
1
2
4
7
8
3
SCL
6
5
VREF
VOUT
DAC101C085
ADR0
SCL
SDA
VOUT
VA
GND
SOT
1
2
3
5
4
6
DAC101C081
ADR0
SCL
SDA
VOUT
VA
GND
WSON
1
2
3
5
4
6
DAC101C081
4
DAC101C081, DAC101C081Q, DAC101C085
SNVS801B – APRIL 2012 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DAC101C081 DAC101C081Q DAC101C085
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7 Pin Configuration and Functions
NGF Package
6-Pin WSON
Top View
DDC Package
6-Lead SOT
Top View
DGK Package
8-Lead VSSOP
Top View
Pin Functions
PIN
TYPE
EQUIVALENT
CIRCUIT
DESCRIPTION
NAME
WSON
SOT
VSSOP
ADR0
1
6
1
Digital Input,
three levels
Tri-state Address Selection Input. Sets the two
Least Significant Bits (A1 and A0) of the 7-bit slave
address. (see Table 1)
ADR1
2
Digital Input,
three levels
Tri-State Address Selection Input. Sets Bits A6 and
A3 of the 7-bit slave address. (see Table 1)
GND
4
3
5
Ground
Ground for all on-chip circuitry
PAD
PAD
Ground
Exposed die attach pad can be connected to
ground or left floating. Soldering the pad to the PCB
offers optimal thermal performance and enhances
package self-alignment during reflow.
SCL
2
5
3
Digital Input
Serial Clock Input. SCL is used together with SDA
to control the transfer of data in and out of the
device.
SDA
3
4
4
Digital
Input/Output
Serial Data bi-directional connection. Data is
clocked into or out of the internal 16-bit register
relative to the clock edges of SCL. This is an open
drain data line that must be pulled to the supply
(VA) by an external pullup resistor.
VA
5
2
6
Supply
Power supply input. For the SOT and WSON
versions, this supply is used as the reference. Must
be decoupled to GND.
VOUT
6
1
8
Analog Output
Analog Output Voltage
VREF
7
Supply
Unbufferred reference voltage. For the VSSOP-8,
this supply is used as the reference. VREF must be
free of noise and decoupled to GND.


Similar Part No. - DAC101C081Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC101C081Q TI-DAC101C081Q Datasheet
1Mb / 36P
[Old version datasheet]   DAC101C081/DAC101C081Q/DAC101C085 10-Bit Micro Power Digital-to-Analog Converter with an I2C??Compatible Interface
More results

Similar Description - DAC101C081Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC101C081CIMK NSC-DAC101C081CIMK Datasheet
661Kb / 24P
   10-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC081C081 NSC-DAC081C081_08 Datasheet
641Kb / 24P
   8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
DAC101C085CIMM TI-DAC101C085CIMM Datasheet
1Mb / 36P
[Old version datasheet]   DAC101C081/DAC101C081Q/DAC101C085 10-Bit Micro Power Digital-to-Analog Converter with an I2C??Compatible Interface
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
[Old version datasheet]   LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
[Old version datasheet]   LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
DAC6573 TI-DAC6573 Datasheet
623Kb / 31P
[Old version datasheet]   QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com