Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC3164IRGCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3164IRGCT
Description  Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3164IRGCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC3164IRGCT Datasheet HTML 6Page - Texas Instruments DAC3164IRGCT Datasheet HTML 7Page - Texas Instruments DAC3164IRGCT Datasheet HTML 8Page - Texas Instruments DAC3164IRGCT Datasheet HTML 9Page - Texas Instruments DAC3164IRGCT Datasheet HTML 10Page - Texas Instruments DAC3164IRGCT Datasheet HTML 11Page - Texas Instruments DAC3164IRGCT Datasheet HTML 12Page - Texas Instruments DAC3164IRGCT Datasheet HTML 13Page - Texas Instruments DAC3164IRGCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
DAC3154
DAC3164
SLAS960 – MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS – DC SPECIFICATIONS (continued)
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, DAC sample rate = 500MSPS, 50% clock
duty cycle, VDDA33/IOVDD = 3.3V, VDDA18/CLKVDD18/DIGVDD18 = 1.8V, IOUTFS = 20mA (unless otherwise noted).
DAC3154
DAC3164
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
POWER CONSUMPTION
IVDDA33
3.3V Analog supply current
52
59
52
59
mA
ICLKVDD18 1.8V Clock supply current
49
67
49
57
mA
MODE 1
1.8V Digital supply current
fDAC = 491.52 MSPS,
IDIGVDD18
115
130
115
130
mA
(DIGVDD18 and VFUSE)
QMC on,
IF = 20 MHz
IIOVDD
1.8V IO Supply current
0.002
0.015
0.002
0.015
mA
Pdis
Total power dissipation
464
530
464
530
mW
IVDDA33
3.3V Analog supply current
51
51
mA
ICLKVDD18 1.8V Clock supply current
38
38
mA
MODE 2
1.8V Digital supply current
fDAC = 320 MSPS,
IDIGVDD18
87
87
mA
(DIGVDD18 and VFUSE)
QMC on,
IF = 20 MHz
IIOVDD
1.8V IO Supply current
0.002
0.002
mA
Pdis
Total power dissipation
396
396
mW
IVDDA33
3.3V Analog supply current
2.6
2.6
mA
ICLKVDD18 1.8V Clock supply current
43
43
mA
MODE 3
1.8V Digital supply current
Sleep mode,
IDIGVDD18
110
110
mA
(DIGVDD18 and VFUSE)
fDAC = 491.52 MSPS,
DAC in sleep mode
IIOVDD
1.8V IO Supply current
0.003
0.003
mA
Pdis
Total power dissipation
284
284
mW
IVDDA33
3.3V Analog supply current
1.6
4
1.6
4
mA
ICLKVDD18 1.8V Clock supply current
1.8
4
1.8
4
mA
MODE 4
1.8V Digital supply current
Power-down mode,
IDIGVDD18
1.7
3
mA
(DIGVDD18 and VFUSE)
no clock,
DAC in sleep mode
IIOVDD
1.8V IO Supply current
0.003
0.015
0.003
0.015
mA
Pdis
Total power dissipation
10
26
10
26
mW
PSRR
Power supply rejection ratio
DC tested
–0.4
0.4
-0.4
0.4 %/FSR/V
T
Operating temperature
–40
85
-40
85
°C
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC3154 DAC3164


Similar Part No. - DAC3164IRGCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DAC3164IRGCT PANJIT-DAC3164IRGCT Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results

Similar Description - DAC3164IRGCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
logo
Texas Instruments
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com