Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R49AN368000B1M Datasheet(PDF) 1 Page - Kemet Corporation

Part # R49AN368000B1M
Description  Capacitor, film, 0.68 F, /-20% Tol, -40/110C, Safety: X1, 330VAC,Lead Spacing=22.5 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R49AN368000B1M Datasheet(HTML) 1 Page - Kemet Corporation

  R49AN368000B1M Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R49AN368000B1M
aka 49AN368000B1M
Capacitor, film, 0.68 uF, +/-20% Tol, -40/+110C, Safety: X1, 330VAC,
Lead Spacing=22.5 mm
L
H
LL
F
T
S
Dimensions (mm)
ID
Dimension
Tolerance
L
26.5
+0.3
H
22
+0.1
T
13
+0.2
S
22.5
+/-0.4
LL
4
+2
F
0.8
+/-0.05
Specifications
Manufacturer:
KEMET
Brand:
Arcotronics
Capacitance:
0.68 uF
Temperature Range:
-40/+110C
Rated Temperature:
110C
Voltage @ rated temp:
800V
Voltage AC:
330VAC
Tolerance:
+/-20%
Body Type:
Radial Box
Construction:
Wound
Application:
Safety: X1
Dissipation Factor @ 1 kHz:
0.1%
Insulation Resistance:
44.12 GOhm
Maximum dVdT:
400v/us
UL_1414:
250V
UL_1283:
310V
IEC_60384-14:
330V
C_22.2_NO.1:
250V
Package Kind:
Bulk
Package Type:
Bag
Package Quantity:
300
© 2006-2012 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but
are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or
use. This Information is intended for use only by customers who have the requisite experience and capability to determine the correct
products for their application. Any technical advice inferred from this Information or otherwise provided by us with reference to the use of
our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R49AN368000B1M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R49AN315000B1M KEMET-R49AN315000B1M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
R49AN322050B1K KEMET-R49AN322050B1K Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, R49, 0.22 uF, 10%, 800 V, 330 V, 110C, Lead Spacing = 22.5mm
R49AN347050B1M KEMET-R49AN347050B1M Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, R49, 0.47 uF, 20%, 800 V, 330 V, 110C, Lead Spacing = 22.5mm
More results

Similar Description - R49AN368000B1M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN368000P0M KEMET-R46KN368000P0M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene, 0.68 F, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN368040P0M KEMET-R46KN368040P0M Datasheet
55Kb / 1P
   Capacitor, film, 0.68 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN410000P1M KEMET-R46KN410000P1M Datasheet
36Kb / 1P
   Capacitor, film, 1 F, /-20% Tol, -40/110C, Safety: X2, 275VAC, Lead Spacing=22.5 mm
R46KN368000P0K KEMET-R46KN368000P0K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene, 0.68 F, /-10% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN347000P1K KEMET-R46KN347000P1K Datasheet
37Kb / 1P
   Capacitor, film, 0.47 F, /-10% Tol, -40/110C, Safety: X2, 275VAC,Lead Spacing=22.5 mm
R46KN347000N0M KEMET-R46KN347000N0M Datasheet
54Kb / 1P
   Capacitor, film, 0.47 uF, /-20% Tol, -40/110C, Safety: X2, 275VAC, Lead Spacing=22.5 mm
R46KN410000P0M KEMET-R46KN410000P0M Datasheet
36Kb / 1P
   Capacitor, film, 1 uF, /-20% Tol, -40/110C, Safety: X2, 275VAC, Lead Spacing=22.5 mm
R46KN356000P1M KEMET-R46KN356000P1M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene, 0.56 F, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN422000P0M KEMET-R46KN422000P0M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene, 2.2 F, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
PHE844RF6680MR30L2 KEMET-PHE844RF6680MR30L2 Datasheet
56Kb / 1P
   Capacitor, film, 0.68 uF, /-20% Tol, -40/105C, Safety: X1, 480 VAC, Lead Spacing=27.5 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com