Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S301RE308T2R7W Datasheet(PDF) 4 Page - Kemet Corporation

Part # S301RE308T2R7W
Description  Weldable screw terminals
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

S301RE308T2R7W Datasheet(HTML) 4 Page - Kemet Corporation

  S301RE308T2R7W Datasheet HTML 1Page - Kemet Corporation S301RE308T2R7W Datasheet HTML 2Page - Kemet Corporation S301RE308T2R7W Datasheet HTML 3Page - Kemet Corporation S301RE308T2R7W Datasheet HTML 4Page - Kemet Corporation S301RE308T2R7W Datasheet HTML 5Page - Kemet Corporation S301RE308T2R7W Datasheet HTML 6Page - Kemet Corporation S301RE308T2R7W Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6001_S301 • 3/7/2014
Screw Terminal Supercapacitors – S301 Series, Screw Termination, 2.7 V, 65ºC
Table 1 – Ratings & Part Number Reference
Part Number
S301RE657R2R7W1
S301RP128R2R7W
S301RS208R2R7W
S301RV308R2R7W
Electrical
Capacitance (F)
650
1200
2000
3000
Capacitance Tolerance
-0
-0
-0
-0
Rated Voltage (V)
2.7
2.7
2.7
2.7
Surge Voltage (V)
2.85
2.85
2.85
2.85
ESR,DC≤(mΩ)[10ms]
0.32
0.3
0.27
0.26
ESR,AC1kHz≤(mΩ)
0.26
0.25
0.23
0.2
Inductance ±20 (nH)
60
60
60
60
72HourLeakage≤(mA)
1.5
2
2
5
Cycling
Current,Peak[1s](A)
750
1200
1800
2200
Continuous Current (A)*
65
90
130
145
Current, Short Circuit (A)
10,000
10,000
10,000
10,000
Thermal
Resistance, Thermal (°C/W)
6
5
3.5
4
Energy/Power
Maximum Stored Energy (Wh)
0.66
1.22
2.03
3.04
Energy Density (Wh/kg)
3.6
4.1
5.5
6
Energy Density (Wh/L)
4.4
6.2
6.5
7.7
Power Density (kW/kg)
30.8
20
18.2
13.7
Power Density (kW/L)
38.5
31
21.7
17.7
Maximum Power (kW/kg)
14.8
9.9
8.8
6.6
Physical
Size Code
RE
RP
RS
RV
D x L (mm)
60.7 x 57.5
60.7 x 80
60.7 x 108.5
60.7 x 144
Weight (kg)
0.185
0.29
0.37
0.51
Volume (L)
0.148
0.196
0.196
0.397
Volume of ACN (L)
0.05
0.093
0.24
Screw Threads
M6X1
M6X1
M6X1
M6X1
Maximum Torque
5 Nm (44 Inch/Lbs)
5 Nm (44 Inch/Lbs)
5 Nm (44 Inch/Lbs)
5 Nm (44 Inch/Lbs)
*Rated current = continuous current with 20°C temperature rise.


Similar Part No. - S301RE308T2R7W

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
S301RE657R2R7W KEMET-S301RE657R2R7W Datasheet
411Kb / 8P
   Screw Termination
More results

Similar Description - S301RE308T2R7W

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com