Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T550B107M008AT4251 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T550B107M008AT4251
Description  Includes F-Tech anode which eliminates hidden defects
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T550B107M008AT4251 Datasheet(HTML) 5 Page - Kemet Corporation

  T550B107M008AT4251 Datasheet HTML 1Page - Kemet Corporation T550B107M008AT4251 Datasheet HTML 2Page - Kemet Corporation T550B107M008AT4251 Datasheet HTML 3Page - Kemet Corporation T550B107M008AT4251 Datasheet HTML 4Page - Kemet Corporation T550B107M008AT4251 Datasheet HTML 5Page - Kemet Corporation T550B107M008AT4251 Datasheet HTML 6Page - Kemet Corporation T550B107M008AT4251 Datasheet HTML 7Page - Kemet Corporation T550B107M008AT4251 Datasheet HTML 8Page - Kemet Corporation T550B107M008AT4251 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2059_T550 • 6/23/2016
55
Tantalum Through-Hole Capacitors – Hermetically Sealed
T550 Axial Polymer Hermetic Seal (PHS) 105ºC and DLA Series
0
20
40
60
80
100
120
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
+125°C
+85°C
+50°C
+25°C
0°C
-25°C
-55°C
-80°C
0.0
0.1
1.0
10.0
10
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
+125°C
+85°C
+50°C
+25°C
0°C
-25°C
-55°C
-80°C
Electrical Characteristics
ESR vs. Frequency
Capacitance vs. Frequency


Similar Part No. - T550B107M008AT4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T550B206M060AH KEMET-T550B206M060AH Datasheet
56Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T550, 20 uF, 20%, 60 V, 200 mOhms
T550B396M060AH KEMET-T550B396M060AH Datasheet
56Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T550, 39 uF, 20%, 60 V, 160 mOhms
T550B397M015AH KEMET-T550B397M015AH Datasheet
56Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T550, 390 uF, 20%, 15 V, 90 mOhms
T550B507M035AH KEMET-T550B507M035AH Datasheet
80Kb / 1P
   T550, Tantalum, Polymer Tantalum, HRA, 500 uF, 20%, 35 VDC, 110 mOhms
5/09/2022
T550B826K075AH KEMET-T550B826K075AH Datasheet
86Kb / 1P
   T550, Tantalum, Polymer Tantalum, HRA, 82 uF, 10%, 75 VDC, 220 mOhms
More results

Similar Description - T550B107M008AT4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T551B107M025AT4251 KEMET-T551B107M025AT4251 Datasheet
1Mb / 11P
   Includes F-Tech anode which eliminates hidden defects
logo
Asahi Kasei Microsystem...
AKD4184-A AKM-AKD4184-A Datasheet
548Kb / 24P
   Analog I/F IC which includes 4-wire resistive Touch Screen Controller
logo
List of Unclassifed Man...
VS1053 ETC2-VS1053 Datasheet
537Kb / 2P
   It includes a stereo MP3 decoder chip VS1053 which can decode multiple formats
logo
Synaptics Incorporated.
CX20672 CONEXANT-CX20672 Datasheet
672Kb / 2P
   Capless headphone eliminates BOM
logo
Pasternack Enterprises,...
PE5CK1001 PASTERNACK-PE5CK1001 Datasheet
1Mb / 17P
   Standard kit includes
logo
List of Unclassifed Man...
MHD45PK25-K ETC2-MHD45PK25-K Datasheet
155Kb / 1P
   BACKSHELL KIT INCLUDES
logo
Pasternack Enterprises,...
PE5CK1000 PASTERNACK-PE5CK1000 Datasheet
1Mb / 20P
   Standard kit includes
logo
Maxim Integrated Produc...
MAX17244 MAXIM-MAX17244 Datasheet
1Mb / 18P
   Eliminates External Components and Reduces
Rev 0; 4/16
MAX5079EVKIT MAXIM-MAX5079EVKIT Datasheet
189Kb / 10P
   Eliminates ORing Diode Power Dissipation
Rev 0; 5/05
MAX8555AEVKIT MAXIM-MAX8555AEVKIT Datasheet
353Kb / 10P
   Eliminates ORing Diode Power Dissipation
Rev 0; 2/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com