Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T520D227M006AS Datasheet(PDF) 1 Page - Kemet Corporation

Part # T520D227M006AS
Description  Low ESR Tantalum Chip Capacitor with Polymer Electrode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520D227M006AS Datasheet(HTML) 1 Page - Kemet Corporation

  T520D227M006AS Datasheet HTML 1Page - Kemet Corporation T520D227M006AS Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T520 Series – KO-CAP – KEMET Organic Capacitor
Low ESR Tantalum Chip Capacitor with Polymer Electrode
KEMET introduces new ratings to its popular T520 Series KEMET Organic - KO - Capacitor. The KO-CAP is a Tantalum capacitor, with
Ta anode and Ta 2O5 dielectric. However, a conductive, organic, polymer replaces the MnO2 as the cathode plate of the capacitor. This results
in very low ESR and improved cap retention at high frequency. The KO-CAP also exhibits a benign failure mode, which eliminates the ignition
failures that can occur in standard Tantalum types. Note also that KO-CAPs may be operated at voltages up to 80% of rated voltage with equiv-
alent or better reliability than standard tantalums operated at 50% of rated voltage.
The new T520 series captures the best features of multilayer ceramic caps (low ESR and high frequency cap retention), aluminum elec-
trolytics (benign failure mode), and proven solid tantalum technology (volumetric efficiency, surface mount capability, and no wearout mecha-
nism). The KO-CAP can reduce component counts, eliminate through-hole assembly by replacing cumbersome leaded aluminum capacitors,
and offer a more cost effective solution to high-cost high-cap ceramic capacitors. These benefits allow the designer to save both board space
and money.
The T520 operating temperature range is -55ºC to +105ºC. Above 85ºC, the capacitor voltage rating drops to 0.8 times rated voltage at
105ºC.
Case Size
KEMET
EIA
L
W
H
K ±0.20
F ±0.1
S ±0.3
X(Ref)
T(Ref) A(Min) G(ref) E(ref)
B
3528-21
3.5 ± 0.2
2.8 ± 0.2
1.9 ± 0.2
1.1
2.2
0.8
0.10 ± 0.10
0.13
1.1
1.8
2.2
V
7343-20
7.3 ± 0.3
4.3 ± 0.3
1.9 ± 0.1
1.1
2.4
1.3
0.05
0.13
3.8
3.5
3.5
D
7343-31
7.3 ± 0.3
4.3 ± 0.3
2.8 ± 0.3
1.5
2.4
1.3
0.10 ± 0.10
0.13
3.8
3.5
3.5
X
7343-43
7.3 ± 0.3
4.3 ± 0.3
4.0 ± 0.3
2.3
2.4
1.3
0.10 ± 0.10
0.13
3.8
3.5
3.5
Dimensions - Millimeters
Specification Sheet
T520 Ratings & Part Number Reference
Cap
DC Leakage
ESR m
Ripple Current A rms
µF
Case
KEMET
µA +25ºC
DF % 120 Hz 100kHz 25º
100 kHz Max
(±20%)
Size
Part Number
Max
+ 25ºC Max
Max
25ºC
85ºC
105ºC
100
B/3528-21
T520B107M003AS
30
8%
70
1.10
0.99
0.44
330
V/7343-20
T520V337M003AS
99
10%
25
2.20
2.00
0.90
68
B/3528-21
T520B686M004AS
27
8%
70
1.10
0.99
0.44
220
V/7343-20
T520V227M004AS
88
10%
45
1.70
1.50
0.70
220
V/7343-20
T520V227M004AS4350
88
10%
25
2.20
2.00
0.90
470
D/7343-31
T520D477M004AS
188
10%
40
1.90
1.70
0.80
680
X/7343-43
T520X687M004AS
272
10%
35
2.20
2.00
0.90
47
B/3528-21
T520B476M006AS
30
8%
70
1.10
0.99
0.44
150
V/7343-20
T520V157M006AS
95
10%
45
1.70
1.50
0.70
150
V/7343-20
T520V157M006AS4350
95
10%
25
2.20
2.00
0.90
150
D/7343-31
T520D157M006AS
95
10%
55
1.70
1.50
0.70
220
D/7343-31
T520D227M006AS
139
10%
50
1.70
1.60
0.70
220
D/7334-31
T520D227M006AS4350
139
10%
40
1.90
1.70
0.80
330
D/7343-31
T520D337M006AS
208
10%
45
1.80
1.60
0.70
330
D/7343-31
T520D337M006AS4350
208
10%
40
1.90
1.70
0.80
330
D/7343-31
T520D337M006AS4351
208
10%
25
2.40
2.20
1.00
470
X/7343-43
T520X477M006AS
296
10%
40
2.00
1.80
0.80
68
V/7343-20
T520V686M010AS
68
10%
60
1.40
1.20
0.50
100
V/7343-20
T520V107M010AS
100
10%
50
1.60
1.40
0.60
100
D/7343-31
T520D107M010AS
100
10%
80
1.40
1.20
0.50
100
D/7343-31
T520D107M010AS4350
100
10%
55
1.70
1.50
0.70
150
D/7343-31
T520D157M010AS
150
10%
55
1.70
1.50
0.70
150
D/7343-31
T520D157M010AS4350
150
10%
40
1.90
1.70
0.80
220
D/7343-31
T520D227M010AS
220
10%
40
1.90
1.70
0.80
330
X/7343-43
T520X337M010AS
330
10%
40
2.00
1.80
0.80
47
D/7343-31
T520D476M016AS
75
10%
70
1.50
1.35
0.60
Outline Drawing
F3233E 10/02
Note: New values are listed in italics and blue.


Similar Part No. - T520D227M006AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520D227M006ASE015 KEMET-T520D227M006ASE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
More results

Similar Description - T520D227M006AS

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
   Chip Tantalum Capacitor Low ESR. SMD
logo
Suntan Capacitors
TS20L SUNTAN-TS20L Datasheet
838Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kemet Corporation
T521D476M020ATE055 KEMET-T521D476M020ATE055 Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, Polymer, Molded, Low ESR, Non-Combustible
T530X477M006ATE004 KEMET-T530X477M006ATE004 Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, Polymer, Molded, Multiple Anodes, Low ESR,
logo
AVX Corporation
TPME477M010R0023 AVX-TPME477M010R0023 Datasheet
101Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME108K004R0018 AVX-TPME108K004R0018 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPM AVX-TPM Datasheet
358Kb / 5P
   Tantalum Ultra Low ESR Capacitor
TPME476K035H0055 AVX-TPME476K035H0055 Datasheet
100Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TCJB476M010R0070 AVX-TCJB476M010R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com