Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT4511E Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT4511E
Description  BCD-TO-7 Segment
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT4511E Datasheet(HTML) 5 Page - Texas Instruments

  CD74HCT4511E Datasheet HTML 1Page - Texas Instruments CD74HCT4511E Datasheet HTML 2Page - Texas Instruments CD74HCT4511E Datasheet HTML 3Page - Texas Instruments CD74HCT4511E Datasheet HTML 4Page - Texas Instruments CD74HCT4511E Datasheet HTML 5Page - Texas Instruments CD74HCT4511E Datasheet HTML 6Page - Texas Instruments CD74HCT4511E Datasheet HTML 7Page - Texas Instruments CD74HCT4511E Datasheet HTML 8Page - Texas Instruments CD74HCT4511E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CD54HC4511, CD74HC4511, CD74HCT4511
BCDTO7 SEGMENT LATCH/DECODER/DRIVERS
SCHS279D − DECEMBER 1998 − REVISED OCTOBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions for CD74HCT4511 (see Note 4)
TA = 25°C
TA = −55°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
2
V
VIL
Low-level input voltage
0.8
0.8
0.8
V
VI
Input voltage
VCC
VCC
VCC
V
VO
Output voltage
VCC
VCC
VCC
V
tt
Input transition (rise and fall) time
500
500
500
ns
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
’HC4511
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = −55°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.9
1.9
IOH = −20 µA
4.5 V
4.4
4.4
4.4
VOH
VI = VIH or VIL
IOH = −20 µA
6 V
5.9
5.9
5.9
V
VOH
VI = VIH or VIL
IOH = −7.5 mA
4.5 V
3.98
3.7
3.84
V
IOH = −10 mA
6 V
5.48
5.2
5.34
2 V
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL = 20 µA
6 V
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.26
0.4
0.33
V
IOL = 5.2 mA
6 V
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±1
±1
µA
ICC
VI = VCC or 0,
IO = 0
6 V
8
160
80
µA
Ci
10
10
10
pF


Similar Part No. - CD74HCT4511E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT4511E TI-CD74HCT4511E Datasheet
428Kb / 17P
[Old version datasheet]   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVERS
CD74HCT4511EE4 TI-CD74HCT4511EE4 Datasheet
428Kb / 17P
[Old version datasheet]   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVERS
More results

Similar Description - CD74HCT4511E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C48 FAIRCHILD-MM74C48 Datasheet
57Kb / 6P
   BCD-to-7 Segment Decoder
logo
National Semiconductor ...
74LS48 NSC-74LS48 Datasheet
116Kb / 6P
   BCD to 7-Segment Decoder
MM54C48 NSC-MM54C48 Datasheet
130Kb / 6P
   BCD-to-7 Segment Decoder
54LS48 NSC-54LS48 Datasheet
95Kb / 4P
   BCD TO 7-SEGMENT DECODER
LS248 NSC-LS248 Datasheet
67Kb / 3P
   BCD TO 7-SEGMENT DECODER
DM74LS48 NSC-DM74LS48 Datasheet
119Kb / 6P
   BCD to 7-Segment Decoder
January 1992
logo
Motorola, Inc
SN54LS48 MOTOROLA-SN54LS48 Datasheet
100Kb / 3P
   BCD TO 7-SEGMENT DECODER
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
   BCD TO 7-SEGMENT DECODER/DRIVER
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
   BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
DM7447AN FAIRCHILD-DM7447AN Datasheet
56Kb / 6P
   BCD to 7-Segment Decoders/Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com