Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC4511M Datasheet(PDF) 8 Page - Texas Instruments

Part # HC4511M
Description  BCD-TO-7 Segment
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HC4511M Datasheet(HTML) 8 Page - Texas Instruments

Back Button HC4511M Datasheet HTML 4Page - Texas Instruments HC4511M Datasheet HTML 5Page - Texas Instruments HC4511M Datasheet HTML 6Page - Texas Instruments HC4511M Datasheet HTML 7Page - Texas Instruments HC4511M Datasheet HTML 8Page - Texas Instruments HC4511M Datasheet HTML 9Page - Texas Instruments HC4511M Datasheet HTML 10Page - Texas Instruments HC4511M Datasheet HTML 11Page - Texas Instruments HC4511M Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CD54HC4511, CD74HC4511, CD74HCT4511
BCDTO7 SEGMENT LATCH/DECODER/DRIVERS
SCHS279D − DECEMBER 1998 − REVISED OCTOBER 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
CD74HCT4511
timing requirements over recommended operating free-air temperature range VCC = 4.5 V (unless
otherwise noted) (see Figure 2)
TA = 25°C
TA = −55°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, LE low
16
24
20
ns
tsu
Setup time, BCD inputs before LE
16
24
20
ns
th
Hold time, BCD inputs before LE
5
5
5
ns
CD74HCT4511
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
VCC
TA = 25°C
TA = −55°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
Dn
Output
CL = 50 pF
4.5 V
60
90
75
Dn
Output
CL = 15 pF
5 V
25
LE
Output
CL = 50 pF
4.5 V
54
81
68
tpd
LE
Output
CL = 15 pF
5 V
23
ns
tpd
BL
Output
CL = 50 pF
4.5 V
44
66
55
ns
BL
Output
CL = 15 pF
5 V
18
LT
Output
CL = 50 pF
4.5 V
33
50
41
LT
Output
CL = 15 pF
5 V
13
tt
Any
CL = 50 pF
4.5 V
15
22
19
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TYP
UNIT
Cpd†
Power dissipation capacitance
’HC4511
114
pF
Cpd†
Power dissipation capacitance
CD74HCT4511
110
pF
† Cpd is used to determine the dynamic power consumption, per package.
PD = Cpd VCC2 fi + ∑ CL VCC2 fo
where: fi = input frequency
fo = output frequency
CL = output load capacitance
VCC = supply voltage


Similar Part No. - HC4511M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HC4511M TI-HC4511M Datasheet
428Kb / 17P
[Old version datasheet]   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVERS
More results

Similar Description - HC4511M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C48 FAIRCHILD-MM74C48 Datasheet
57Kb / 6P
   BCD-to-7 Segment Decoder
logo
National Semiconductor ...
74LS48 NSC-74LS48 Datasheet
116Kb / 6P
   BCD to 7-Segment Decoder
MM54C48 NSC-MM54C48 Datasheet
130Kb / 6P
   BCD-to-7 Segment Decoder
54LS48 NSC-54LS48 Datasheet
95Kb / 4P
   BCD TO 7-SEGMENT DECODER
LS248 NSC-LS248 Datasheet
67Kb / 3P
   BCD TO 7-SEGMENT DECODER
DM74LS48 NSC-DM74LS48 Datasheet
119Kb / 6P
   BCD to 7-Segment Decoder
January 1992
logo
Motorola, Inc
SN54LS48 MOTOROLA-SN54LS48 Datasheet
100Kb / 3P
   BCD TO 7-SEGMENT DECODER
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
   BCD TO 7-SEGMENT DECODER/DRIVER
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
   BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
DM7447AN FAIRCHILD-DM7447AN Datasheet
56Kb / 6P
   BCD to 7-Segment Decoders/Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com