Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R463F315000L2M Datasheet(PDF) 10 Page - Kemet Corporation

Part # R463F315000L2M
Description  RoHS Compliant and lead-free terminations
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R463F315000L2M Datasheet(HTML) 10 Page - Kemet Corporation

Back Button R463F315000L2M Datasheet HTML 6Page - Kemet Corporation R463F315000L2M Datasheet HTML 7Page - Kemet Corporation R463F315000L2M Datasheet HTML 8Page - Kemet Corporation R463F315000L2M Datasheet HTML 9Page - Kemet Corporation R463F315000L2M Datasheet HTML 10Page - Kemet Corporation R463F315000L2M Datasheet HTML 11Page - Kemet Corporation R463F315000L2M Datasheet HTML 12Page - Kemet Corporation R463F315000L2M Datasheet HTML 13Page - Kemet Corporation R463F315000L2M Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3095_R46_X2_310_110C • 6/9/2016 10
Metallized Polypropylene Film EMI Suppression Capacitors
R46 Series, Class X2, 310 VAC, 110ºC
Soldering Process cont'd
Wave Soldering Recommendations cont'd
1. The table indicates the maximum set-up temperature of the soldering process
Figure 1
Dielectric
Film Material
Maximum Preheat
Temperature
Maximum
Peak Soldering
Temperature
Capacitor
Pitch
≤10mm
Capacitor
Pitch
= 15 mm
Capacitor
Pitch
> 15 mm
Capacitor
Pitch
≤15mm
Capacitor
Pitch
> 15 mm
Polyester
130°C
130°C
130°C
270°C
270°C
Polypropylene
100°C
110°C
130°C
260°C
270°C
Paper
130°C
130°C
140°C
270°C
270°C
Polyphenylene
Sulphide
150°C
150°C
160°C
270°C
270°C
2. The maximum temperature measured inside the capacitor:
Set the temperature so that inside the element the maximum temperature is below the limit:
Dielectric Film Material
Maximum temperature
measured inside the element
Polyester
160°C
Polypropylene
110°C
Paper
160°C
Polyphenylene
sulphide
160°C
Temperature monitored inside the capacitor.
Selective Soldering Recommendations
Selectivedipsolderingisavariationofreflowsoldering.Inthismethod,theprintedcircuitboardwiththrough-holecomponentstobe
solderedispreheatedandtransportedoverthesolderbathasinnormalflowsolderingwithouttouchingthesolder.Whentheboardis
over the bath, it is stopped and pre-designed solder pots are lifted from the bath with molten solder only at the places of the selected
components, and pressed against the lower surface of the board to solder the components.
Thetemperatureprofileforselectivesolderingissimilartothedoublewaveflowsolderingoutlinedinthisdocument,however, instead
of two baths, there is only one bath with a time from 3 to 10 seconds. In selective soldering, the risk of overheating is greater than
indoublewaveflowsoldering,andgreatcaremustbetakensothatthepartsarenotoverheated.


Similar Part No. - R463F315000L2M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R463F315000L2M KEMET-R463F315000L2M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results

Similar Description - R463F315000L2M

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-011020 MA-COM-MAPD-011020 Datasheet
422Kb / 4P
   RoHS compliant and lead free
logo
Maxim Integrated Produc...
MAX9938EVKIT MAXIM-MAX9938EVKIT Datasheet
77Kb / 4P
   Lead-Free and RoHS Compliant
Rev 0; 8/08
logo
WALSIN TECHNOLOGY CORPO...
SFXXF_Q WALSIN-SFXXF_Q Datasheet
1Mb / 10P
   RoHS compliant and lead free
logo
Guangdong Youtai Semico...
SMXX-02HTG UMW-SMXX-02HTG Datasheet
742Kb / 6P
   RoHS compliant and lead-free
logo
M/A-COM Technology Solu...
MACP-011029 MA-COM-MACP-011029 Datasheet
831Kb / 6P
   RoHS compliant and lead free
logo
Maxim Integrated Produc...
MAX9597EVKIT MAXIM-MAX9597EVKIT Datasheet
592Kb / 16P
   Lead-Free and RoHS Compliant
Rev 0; 9/08
logo
Shanghai Leiditech Elec...
SMD3225-470NF LEIDITECH-SMD3225-470NF Datasheet
1Mb / 4P
   RoHS compliant and Lead-free
logo
M/A-COM Technology Solu...
MAPD-011032 MA-COM-MAPD-011032 Datasheet
921Kb / 6P
   RoHS Compliant and Lead free
logo
Maxim Integrated Produc...
MAX9694EVKIT MAXIM-MAX9694EVKIT Datasheet
486Kb / 12P
   Lead-Free and RoHS Compliant
Rev 0; 10/08
logo
Shanghai Leiditech Elec...
3R090-6L LEIDITECH-3R090-6L Datasheet
545Kb / 4P
   RoHS compliant and Lead-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com