Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4520MT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4520MT
Description  High-Speed CMOS Logic Dual Synchronous Counters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC4520MT Datasheet(HTML) 4 Page - Texas Instruments

  CD74HC4520MT Datasheet HTML 1Page - Texas Instruments CD74HC4520MT Datasheet HTML 2Page - Texas Instruments CD74HC4520MT Datasheet HTML 3Page - Texas Instruments CD74HC4520MT Datasheet HTML 4Page - Texas Instruments CD74HC4520MT Datasheet HTML 5Page - Texas Instruments CD74HC4520MT Datasheet HTML 6Page - Texas Instruments CD74HC4520MT Datasheet HTML 7Page - Texas Instruments CD74HC4520MT Datasheet HTML 8Page - Texas Instruments CD74HC4520MT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to 5.5
2
-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to 5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC and
GND
0
5.5
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
-2.1
-
4.5 to 5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oCTO85oC
-55oC TO
125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
MR
1.2
CP
0.25
ENABLE
0.5
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Table, e.g.,
360
µA max at 25oC.
Prerequisite for Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Maximum Clock
Frequency
fMAX
2
6
-
-
5-4-
MHz
4.5
30
-
-
24
-
20
-
MHz
6
35
-
-
28
-
24
-
MHz
CP Pulse Width
tW
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
MR Pulse Width
tW
2
100
-
-
125
-
150
-
ns
4.5
20
-
-
25
-
30
-
ns
6
17
-
-
21
-
26
-
ns
CD74HC4518, CD54HC4520, CD74HC4520, CD74HCT4520


Similar Part No. - CD74HC4520MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4520MT TI-CD74HC4520MT Datasheet
280Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual Synchronous Counters
CD74HC4520MTE4 TI-CD74HC4520MTE4 Datasheet
280Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual Synchronous Counters
More results

Similar Description - CD74HC4520MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4520 TI-CD54HC4520 Datasheet
280Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual Synchronous Counters
CD74HC4518 TI-CD74HC4518 Datasheet
45Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Synchronous Counters
CD54HC40103 TI-CD54HC40103_08 Datasheet
454Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_03 Datasheet
158Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103 Datasheet
279Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_07 Datasheet
424Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103 TI-CD74HC40103 Datasheet
45Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC161 TI-CD74HC161 Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Presettable Counters
CD54HCT161 TI-CD54HCT161_08 Datasheet
434Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
CD54HCT161 TI-CD54HCT161 Datasheet
285Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com