Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R463R315000L2M Datasheet(PDF) 11 Page - Kemet Corporation

Part # R463R315000L2M
Description  RoHS Compliant and lead-free terminations
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R463R315000L2M Datasheet(HTML) 11 Page - Kemet Corporation

Back Button R463R315000L2M Datasheet HTML 7Page - Kemet Corporation R463R315000L2M Datasheet HTML 8Page - Kemet Corporation R463R315000L2M Datasheet HTML 9Page - Kemet Corporation R463R315000L2M Datasheet HTML 10Page - Kemet Corporation R463R315000L2M Datasheet HTML 11Page - Kemet Corporation R463R315000L2M Datasheet HTML 12Page - Kemet Corporation R463R315000L2M Datasheet HTML 13Page - Kemet Corporation R463R315000L2M Datasheet HTML 14Page - Kemet Corporation R463R315000L2M Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3095_R46_X2_310_110C • 6/9/2016 11
Metallized Polypropylene Film EMI Suppression Capacitors
R46 Series, Class X2, 310 VAC, 110ºC
Construction
Detailed Cross Section
Self-Extinguishing
Resin
Molded Plastic
Case
Molded Plastic
Case
Leads
Metal Contact
Layer
Metal Contact
Layer
Margin
Single-sided Metallized
Polypropylene Film
(Second Layer)
Single-sided Metallized
Polypropylene Film
(First Layer)
Margin
Margin
Single-sided
Metallized
Polypropylene
Film
FILM WINDING SCHEME OPTIONS
1 Section
Single-sided
Metallized
Polypropylene
Film
Single-sided
Metallized
Polypropylene
Film
Single-sided
Metallized
Polypropylene
Film
Single-sided Metallized Polypropylene Film
2 Sections
3 Sections
4 Sections
Single-sided
Metallized
Polypropylene
Film
Polypropylene
Film Dielectric
1 Section
Double-sided Metallized Polyester Film
3 Sections
Double-sided
Metallized
Polyester Carrier
Film
Polypropylene
Film Dielectric
Double-sided
Metallized
Polyester Carrier
Film
2 Sections
Polypropylene
Film Dielectric
Double-sided
Metallized
Polyester Carrier
Film
Single-sided
Metallized
Polypropylene
Film
4 Sections
Polypropylene
Film Dielectric
Double-sided
Metallized
Polyester Carrier
Film
Polypropylene
Film Dielectric
1 Section
Polypropylene Film/Foil
2 Sections
Metal Foil
Metal Foil
Single-sided
Metallized
Polypropylene
Film
Polypropylene
Film Dielectric
Metallized Polyphenylene
Sulfide Film with
Vacuum-Evaporated
Aluminum Electrodes
1 Section
Metallized Polyphenylene
Sulfide Film (SMR)
Metallized
Impregnated
Paper
1 Section
Metallized Impregnated Paper
Single-sided
Metallized
Polyester
Film
1 Section
Single-sided Metallized Polyester Film
Polypropylene
Film Dielectric
1 Section
AXIAL - Polypropylene Film/Foil
2 Sections
Metal Foil
Single-sided
Metallized
Polypropylene
Film
Polypropylene
Film Dielectric
Metal Foil
Single-sided
Metallized
Polypropylene
Film
2 Sections
Polypropylene
Film Dielectric
Double-sided
Metallized
Polyester Carrier
Film
Single-sided
Metallized
Polypropylene
Film
1 Section
AXIAL - Single-sided Metallized
Polypropylene Film
Single-sided
Metallized
Polyester
Film
1 Section
AXIAL - Single-sided Metallized
Polyester Film
AXIAL - Double-sided
Metallized Polyester Film
Winding Scheme


Similar Part No. - R463R315000L2M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R463R315000L2M KEMET-R463R315000L2M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results

Similar Description - R463R315000L2M

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-011020 MA-COM-MAPD-011020 Datasheet
422Kb / 4P
   RoHS compliant and lead free
logo
Maxim Integrated Produc...
MAX9938EVKIT MAXIM-MAX9938EVKIT Datasheet
77Kb / 4P
   Lead-Free and RoHS Compliant
Rev 0; 8/08
logo
WALSIN TECHNOLOGY CORPO...
SFXXF_Q WALSIN-SFXXF_Q Datasheet
1Mb / 10P
   RoHS compliant and lead free
logo
Guangdong Youtai Semico...
SMXX-02HTG UMW-SMXX-02HTG Datasheet
742Kb / 6P
   RoHS compliant and lead-free
logo
M/A-COM Technology Solu...
MACP-011029 MA-COM-MACP-011029 Datasheet
831Kb / 6P
   RoHS compliant and lead free
logo
Maxim Integrated Produc...
MAX9597EVKIT MAXIM-MAX9597EVKIT Datasheet
592Kb / 16P
   Lead-Free and RoHS Compliant
Rev 0; 9/08
logo
Shanghai Leiditech Elec...
SMD3225-470NF LEIDITECH-SMD3225-470NF Datasheet
1Mb / 4P
   RoHS compliant and Lead-free
logo
M/A-COM Technology Solu...
MAPD-011032 MA-COM-MAPD-011032 Datasheet
921Kb / 6P
   RoHS Compliant and Lead free
logo
Maxim Integrated Produc...
MAX9694EVKIT MAXIM-MAX9694EVKIT Datasheet
486Kb / 12P
   Lead-Free and RoHS Compliant
Rev 0; 10/08
logo
Shanghai Leiditech Elec...
3R090-6L LEIDITECH-3R090-6L Datasheet
545Kb / 4P
   RoHS compliant and Lead-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com