Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4518BM Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD4518BM
Description  Cmos Dual Up-Counters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4518BM Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD4518BM Datasheet HTML 3Page - Texas Instruments CD4518BM Datasheet HTML 4Page - Texas Instruments CD4518BM Datasheet HTML 5Page - Texas Instruments CD4518BM Datasheet HTML 6Page - Texas Instruments CD4518BM Datasheet HTML 7Page - Texas Instruments CD4518BM Datasheet HTML 8Page - Texas Instruments CD4518BM Datasheet HTML 9Page - Texas Instruments CD4518BM Datasheet HTML 10Page - Texas Instruments CD4518BM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
18-Mar-2016
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD4520BM
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4520BM
CD4520BM96
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4520BM
CD4520BME4
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4520BM
CD4520BMG4
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4520BM
CD4520BNSR
ACTIVE
SO
NS
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4520B
CD4520BPW
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM520B
CD4520BPWG4
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM520B
CD4520BPWR
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM520B
CD4520BPWRE4
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM520B
CD4520BPWRG4
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM520B
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)


Similar Part No. - CD4518BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4518BM TI-CD4518BM Datasheet
248Kb / 13P
[Old version datasheet]   CMOS DUAL UP-COUNTERS
CD4518BM TI-CD4518BM Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Up-Counters
CD4518BM96 TI-CD4518BM96 Datasheet
248Kb / 13P
[Old version datasheet]   CMOS DUAL UP-COUNTERS
CD4518BM96 TI-CD4518BM96 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Up-Counters
CD4518BM96E4 TI-CD4518BM96E4 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Up-Counters
More results

Similar Description - CD4518BM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCL4520B ETC1-SCL4520B Datasheet
198Kb / 3P
   CMOS DUAL UP COUNTERS
logo
Texas Instruments
CD4520BPWG4 TI-CD4520BPWG4 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Up-Counters
logo
Intersil Corporation
CD4518BMS INTERSIL-CD4518BMS Datasheet
112Kb / 10P
   CMOS Dual Up Counters
December 1992
logo
Texas Instruments
CD4518B TI-CD4518B Datasheet
248Kb / 13P
[Old version datasheet]   CMOS DUAL UP-COUNTERS
logo
Micro Electronics
MMC4518 MICRO-ELECTRONICS-MMC4518 Datasheet
204Kb / 6P
   DUAL UP-COUNTERS
logo
Motorola, Inc
MC14518-520B MOTOROLA-MC14518-520B Datasheet
203Kb / 7P
   DUAL UP COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B Datasheet
174Kb / 8P
   Dual Up Counters
March, 2000 ??Rev. 3
MC14518B ONSEMI-MC14518B_06 Datasheet
112Kb / 9P
   Dual Up Counters
January, 2006 ??Rev. 5
logo
STMicroelectronics
HCC4518B STMICROELECTRONICS-HCC4518B Datasheet
315Kb / 14P
   DUAL UP-COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B_14 Datasheet
107Kb / 7P
   Dual Up Counters
July, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com