Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CER0534B Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0534B
Description  Surface mount, silver (Ag) coated barium ceramic filter.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0534B Datasheet(HTML) 2 Page - CTS Corporation

  CER0534B Datasheet HTML 1Page - CTS Corporation CER0534B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0534B
3.5 GHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X1
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
1.6
REEL QUANTITY
ea.
1000
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.945"/24
0.217"/5.50 0.406"/10.30 0.169"/4.30 0.472"/12.00
Customer Feed Direction
Dim Nominal (mm)
Tolerance (mm)
+/- or max
A
10.20
Max
B
4.50
Max
C
1.00
0.13
D
0.60
0.13
E
0.60
0.13
F
1.20
0.13
G
7.80
0.13
H
4.10
Max
I
1.00
0.13
J
5.60
Max
K
2.54
0.25
L
7.40
0.25
M
0.65
0.20
CTS
34B
YWW
-80
-70
-60
-50
-40
-30
-20
-10
0
3000
3200
3400
3600
3800
4000
-40
-30
-20
-10
0
10
20
30
40
Rev 3 - Origin Date: September 10, 2007 – Revision Date: February 4, 2008


Similar Part No. - CER0534B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0531A CTS-CER0531A Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0532B CTS-CER0532B Datasheet
116Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0533A CTS-CER0533A Datasheet
214Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0533B CTS-CER0533B Datasheet
76Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0535B CTS-CER0535B Datasheet
65Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
More results

Similar Description - CER0534B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0454B CTS-CER0454B Datasheet
75Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0468A CTS-CER0468A Datasheet
208Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0671D CTS-CER0671D Datasheet
293Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0818B CTS-CER0818B Datasheet
161Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0533A CTS-CER0533A Datasheet
214Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0368A CTS-CER0368A Datasheet
66Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0369A CTS-CER0369A Datasheet
94Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0408A CTS-CER0408A Datasheet
65Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0421C CTS-CER0421C Datasheet
120Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0528B CTS-CER0528B Datasheet
66Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com