Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CER0574A Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0574A
Description  Surface mount, silver (Ag) coated ceramic duplexer.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0574A Datasheet(HTML) 2 Page - CTS Corporation

  CER0574A Datasheet HTML 1Page - CTS Corporation CER0574A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0574A
900 MHz Duplexer
Mechanical Drawing
PCB Layout
Rev B – Origin Date: December 3, 2007 – Revision Date: July 28, 2011
Dim
Nominal
(mm)
Tolerance (mm)
+/- or max
A
B
60.85
max
C
D
6.1
0.25
E
27.82
0.13
F
19.49
0.13
G
2.03
0.13
H
1.27
0.13
I
1.27
0.13
J
2.03
0.13
K
13.43
max
L
11.1
Max
M
8.0
max
N
2.2
0.13
Packaging and Marking
Electrical response
Product is shipped in preformed foam trays
ANT
897
942
ANT
897
942
5 Trays containing 12 slots with 2 filters per
slot. 5 Trays per box. Total 120 filters per box
Part Marking: CTS 574 YWW
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 4800 Alameda Blvd. NE – Albuquerque, NM 87113-


Similar Part No. - CER0574A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0508C CTS-CER0508C Datasheet
123Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0509C CTS-CER0509C Datasheet
121Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0512A CTS-CER0512A Datasheet
78Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic filter.
CER0513A CTS-CER0513A Datasheet
192Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0514A CTS-CER0514A Datasheet
194Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
More results

Similar Description - CER0574A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
DPX0528A CTS-DPX0528A Datasheet
176Kb / 2P
   Surface mount, silver (Ag) coated ceramic DUPlexer
KFF7118A CTS-KFF7118A Datasheet
92Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
CER0335A CTS-CER0335A Datasheet
72Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
CER0472A CTS-CER0472A Datasheet
96Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0496C CTS-CER0496C Datasheet
96Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0668A CTS-CER0668A Datasheet
93Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0237C CTS-CER0237C Datasheet
74Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0395A CTS-CER0395A Datasheet
309Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0439A CTS-CER0439A Datasheet
176Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0613A CTS-CER0613A Datasheet
90Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
KFF6637C CTS-KFF6637C Datasheet
148Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com