Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8550IDGKRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC8550IDGKRG4
Description  16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8550IDGKRG4 Datasheet(HTML) 4 Page - Texas Instruments

  DAC8550IDGKRG4 Datasheet HTML 1Page - Texas Instruments DAC8550IDGKRG4 Datasheet HTML 2Page - Texas Instruments DAC8550IDGKRG4 Datasheet HTML 3Page - Texas Instruments DAC8550IDGKRG4 Datasheet HTML 4Page - Texas Instruments DAC8550IDGKRG4 Datasheet HTML 5Page - Texas Instruments DAC8550IDGKRG4 Datasheet HTML 6Page - Texas Instruments DAC8550IDGKRG4 Datasheet HTML 7Page - Texas Instruments DAC8550IDGKRG4 Datasheet HTML 8Page - Texas Instruments DAC8550IDGKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
DAC8550
SLAS476F – MARCH 2006 – REVISED MARCH 2016
www.ti.com
Product Folder Links: DAC8550
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
GND
–0.3
6
V
Digital input voltage range
GND
–0.3 VDD + 0.3
V
Output voltage
GND
–0.3 VDD + 0.3
V
Junction temperature, TJ(max)
150
°C
Operating temperature, TA
–40
105
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
VDD
Supply voltage
2.7
5.5
V
DIGITAL INPUTS
DIN
Digital input voltage
SCLK and SYNC
0
VDD
V
REFERENCE INPUT
VREF
Reference input voltage
0
VDD
V
AMPLIFIER FEEDBACK INPUT
VFB
Output amplifier feedback input
VO
V
TEMPERATURE RANGE
TA
Operating ambient temperature
–40
105
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
DAC8550
UNIT
DGK (VSSOP)
8 PINS
RθJA
Junction-to-ambient thermal resistance
206
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
44
°C/W
RθJB
Junction-to-board thermal resistance
94.2
°C/W
ψJT
Junction-to-top characterization parameter
10.2
°C/W
ψJB
Junction-to-board characterization parameter
92.7
°C/W


Similar Part No. - DAC8550IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8550IDGKR BURR-BROWN-DAC8550IDGKR Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8550IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com