Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8550IDGKT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8550IDGKT
Description  16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8550IDGKT Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC8550IDGKT Datasheet HTML 3Page - Texas Instruments DAC8550IDGKT Datasheet HTML 4Page - Texas Instruments DAC8550IDGKT Datasheet HTML 5Page - Texas Instruments DAC8550IDGKT Datasheet HTML 6Page - Texas Instruments DAC8550IDGKT Datasheet HTML 7Page - Texas Instruments DAC8550IDGKT Datasheet HTML 8Page - Texas Instruments DAC8550IDGKT Datasheet HTML 9Page - Texas Instruments DAC8550IDGKT Datasheet HTML 10Page - Texas Instruments DAC8550IDGKT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
6
5
4
3
2
1
0
0
10
2
4
6
8
I
(mA)
(SOURCE/SINK)
DACLoadedwithFFFFh
DACLoadedwith0000h
V
=5.5V
DD
V
REF
DD
=V
- 10mV
0
-5
-10
-40
120
0
40
80
Temperature(°C)
V
=5V
DD
V
=4.99V
REF
10
5
0
-5
-40
120
0
40
80
Temperature( C)
°
V
=5V
DD
V
=4.99V
REF
6
4
2
0
-2
-4
-6
0
8192
16384 24576 32768
DigitalInputCode
40960 49152
57344 65536
1.0
0.5
0
-0.5
-1.0
V
=5V,V
=4.99V
DD
REF
6
4
2
0
-2
-4
-6
0
8192
16384 24576 32768
DigitalInputCode
40960 49152
57344 65536
1.0
0.5
0
-0.5
-1.0
V
=5V,V
=4.99V
DD
REF
6
4
2
0
-2
-4
-6
0
8192
16384 24576 32768
DigitalInputCode
40960 49152
57344 65536
1.0
0.5
0
-0.5
-1.0
V
=5V,V
=4.99V
DD
REF
7
DAC8550
www.ti.com
SLAS476F – MARCH 2006 – REVISED MARCH 2016
Product Folder Links: DAC8550
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
6.7 Typical Characteristics
6.7.1 VDD = 5 V
at TA = 25°C, unless otherwise noted
Figure 2. Linearity Error and Differential Linearity Error
vs Digital Input Code (–40°C)
Figure 3. Linearity Error and Differential Linearity Error
vs Digital Input Code
Figure 4. Linearity Error and Differential Linearity Error
vs Digital Input Code (105°C)
Figure 5. Zero-Scale Error vs Temperature
Figure 6. Full-Scale Error vs Temperature
Figure 7. Source and Sink Current Capability


Similar Part No. - DAC8550IDGKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8550IDGKT BURR-BROWN-DAC8550IDGKT Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8550IDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com