Electronic Components Datasheet Search |
|
T520V157M008AME045 Datasheet(PDF) 6 Page - Kemet Corporation |
|
T520V157M008AME045 Datasheet(HTML) 6 Page - Kemet Corporation |
6 / 26 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2015_T520 • 10/13/2015 66 KEMET Organic Capacitor (KO-CAP®) – Industrial T520 Low ESR Polymer Electrolytic, 2 – 25 VDC Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current MSL Maximum Operating Temp VDC at 105°C µF KEMET/EIA (See below for part options) µA at 25°C Maximum/5 Minutes % at 25°C 120 Hz Maximum mΩ at 25°C 100 kHz Maximum mA at 45°C 100 kHz Reflow Temp ≤ 260ºC ºC 2.5 330 L/6032-19 T520L337M2R5A(1)E012 83 8 12 3500 3 105 2.5 330 L/6032-19 T520L337M2R5A(1)E025 83 8 25 2400 3 105 2.5 330 W/7343-15 T520W337M2R5A(1)E015 83 10 15 3500 3 105 2.5 330 W/7343-15 T520W337M2R5A(1)E025 83 10 25 2700 3 105 2.5 330 W/7343-15 T520W337M2R5A(1)E040 83 10 40 2100 3 105 2.5 330 V/7343-19 T520V337M2R5A(1)E006 83 10 6 5600 3 105 2.5 330 V/7343-19 T520V337M2R5A(1)E007 83 10 7 5200 3 105 2.5 330 V/7343-19 T520V337M2R5A(1)E009 83 10 9 4600 3 105 2.5 330 V/7343-19 T520V337M2R5A(1)E012 83 10 12 3900 3 105 2.5 330 V/7343-19 T520V337M2R5A(1)E015 83 10 15 3500 3 105 2.5 330 V/7343-19 T520V337M2R5A(1)E018 83 10 18 3200 3 105 2.5 330 V/7343-19 T520V337M2R5A(1)E025 83 10 25 2700 3 105 2.5 330 V/7343-19 T520V337M2R5A(1)E040 83 10 40 2200 3 105 2.5 330 D/7343-31 T520D337M2R5A(1)E006 83 10 6 6100 3 105 2.5 330 D/7343-31 T520D337M2R5A(1)E007 83 10 7 5700 3 105 2.5 470 V/7343-19 T520V477M2R5A(1)E006 118 10 6 5600 3 105 2.5 470 V/7343-19 T520V477M2R5A(1)E007 118 10 7 5200 3 105 2.5 470 V/7343-19 T520V477M2R5A(1)E009 118 10 9 4600 3 105 2.5 470 V/7343-19 T520V477M2R5A(1)E012 118 10 12 3900 3 105 2.5 470 V/7343-19 T520V477M2R5A(1)E015 118 10 15 3500 3 105 2.5 470 V/7343-19 T520V477M2R5A(1)E018 118 10 18 3200 3 105 2.5 470 C/6032-28 T520C477M2R5A(1)E025 118 8 25 2600 3 105 2.5 470 C/6032-28 T520C477M2R5A(1)E045 118 8 45 1900 3 105 2.5 470 D/7343-31 T520D477M2R5A(1)E006 118 10 6 6100 3 105 2.5 470 D/7343-31 T520D477M2R5A(1)E007 118 10 7 5700 3 105 2.5 470 D/7343-31 T520D477M2R5A(1)E009 118 10 9 5000 3 105 2.5 680 D/7343-31 T520D687M2R5A(1)E010 170 10 10 4700 3 105 2.5 680 D/7343-31 T520D687M2R5A(1)E015 170 10 15 3900 3 105 2.5 680 D/7343-31 T520D687M2R5A(1)E040 170 10 40 2400 3 105 2.5 680 Y/7343-40 T520Y687M2R5A(1)E015 170 10 15 4000 3 105 2.5 680 Y/7343-40 T520Y687M2R5A(1)E025 170 10 25 3100 3 105 2.5 1000 D/7343-31 T520D108M2R5A(1)E4R5 250 10 4.5 7100 3 105 2.5 1000 D/7343-31 T520D108M2R5A(1)E006 250 10 6 6100 3 105 2.5 1000 D/7343-31 T520D108M2R5A(1)E007 250 10 7 5700 3 105 2.5 1000 D/7343-31 T520D108M2R5A(1)E009 250 10 9 5000 3 105 2.5 1000 D/7343-31 T520D108M2R5A(1)E010 250 10 10 4700 3 105 2.5 1000 D/7343-31 T520D108M2R5A(1)E015 250 10 15 3900 3 105 2.5 1000 D/7343-31 T520D108M2R5A(1)E030 250 10 30 2700 3 105 2.5 1000 Y/7343-40 T520Y108M2R5A(1)E010 250 10 10 4900 3 105 2.5 1000 Y/7343-40 T520Y108M2R5A(1)E015 250 10 15 4000 3 105 2.5 1000 Y/7343-40 T520Y108M2R5A(1)E025 250 10 25 3100 3 105 2.5 1000 X/7343-43 T520X108M2R5A(1)E010 250 10 10 5000 3 105 2.5 1500 X/7343-43 T520X158M2R5A(1)E015 375 10 15 4100 3 105 3 100 B/3528-21 T520B107M003A(1)E025 30 8 25 2300 3 105 3 100 B/3528-21 T520B107M003A(1)E035 30 8 35 1900 3 105 3 100 B/3528-21 T520B107M003A(1)E040 30 8 40 1800 3 105 VDC at 105°C µF KEMET/EIA (See below for part options) µA at 25°C Maximum/5 Minutes % at 25°C 120 Hz Maximum mΩ at 25°C 100 kHz Maximum mA at 45°C 100 kHz Reflow Temp ≤ 260ºC ºC Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current MSL Maximum Operating Temp Table 1 – Ratings & Part Number Reference cont'd (1) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N = Non-Magnetic 100% Tin (Sn), M = Non-Magnetic (SnPb). Refer to Ordering Information for additional detail. Also available on large (13 inch) reels. Add 7280 to the end of the part number. Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitutions will be marked with the higher voltage rating. Substitutions can include better than series. * Part numbers with an asterisk are not recommended for new designs. Please use the T521 version of these part numbers. |
Similar Part No. - T520V157M008AME045 |
|
Similar Description - T520V157M008AME045 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |