Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCP010505BP-U Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DCP010505BP-U
Description  1-W, Isolated, Unregulated DC/DC Converter Modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCP010505BP-U Datasheet(HTML) 6 Page - Texas Instruments

Back Button DCP010505BP-U Datasheet HTML 2Page - Texas Instruments DCP010505BP-U Datasheet HTML 3Page - Texas Instruments DCP010505BP-U Datasheet HTML 4Page - Texas Instruments DCP010505BP-U Datasheet HTML 5Page - Texas Instruments DCP010505BP-U Datasheet HTML 6Page - Texas Instruments DCP010505BP-U Datasheet HTML 7Page - Texas Instruments DCP010505BP-U Datasheet HTML 8Page - Texas Instruments DCP010505BP-U Datasheet HTML 9Page - Texas Instruments DCP010505BP-U Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
DCP010505B, DCP010512B, DCP010515B, DCP012405B, DCP010505DB, DCP010507DB
DCP010512DB, DCP010515DB, DCP011512DB, DCP011515DB, DCP012415DB
SBVS012F – DECEMBER 2000 – REVISED OCTOBER 2015
www.ti.com
7.5 Electrical Characteristics
at TA = 25°C, +VS = nominal, CIN = 2.2 µF, COUT = 0.1 µF, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
POUT
Output power
ILOAD = 100% (full load)
1
W
VRIPPLE
Output voltage ripple
COUT = 1 μF, ILOAD = 50%
20
mVPP
–40°C
≤ TA ≤ 25°C
0.046
%/°C
Voltage vs. Temperature
25°C
≤ TA ≤ 100°C
0.016
%/°C
INPUT
VS
Input voltage range
–10%
10%
ISOLATION
Voltage
1
kVrms
1-second
dV/dt
500
V/s
flash test
Leakage current
30
µA
VISO
Isolation
Continuous
DC
60
VDC
working voltage
across isolation
AC
42.5
VAC
barrier
LINE REGULATION
IOUT ≥ 10% load current and
constant,
1%
15%
VS (min) to VS (typ)
VOUT
Output voltage
IOUT ≥ 10% load current and
constant,
1%
15%
VS (typ) to VS (max)
RELIABILITY
Demonstrated
TA = 55°C
55
FITS
THERMAL SHUTDOWN
TSD
Die temperature at shutdown
150
°C
ISD
Shutdown current
3
mA
7.6 Switching Characteristics
at TA = +25°C, +VS = nominal, CIN = 2.2 µF, COUT = 0.1 µF, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Oscillator frequency
fSW = fOSC/2
800
kHz
VIL
Low-level input voltage, SYNC
0
0.4
V
ISYNC
Input current, SYNC
VSYNC = 2 V
75
µA
tDISABLE
Disable time
2
µs
Capacitance loading on SYNC
CSYNC
External
3
pF
pin (1)
(1)
The application report External Synchronization of the DCP01/02 Series of DC/DC Converters (SBAA035) describes this configuration.
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: DCP010505B DCP010512B DCP010515B DCP012405B DCP010505DB DCP010507DB
DCP010512DB DCP010515DB DCP011512DB DCP011515DB DCP012415DB


Similar Part No. - DCP010505BP-U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP010505BP-U BURR-BROWN-DCP010505BP-U Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP-U BURR-BROWN-DCP010505BP-U Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010505BP-U TI-DCP010505BP-U Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP-U TI1-DCP010505BP-U Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP-U TI1-DCP010505BP-U Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
More results

Similar Description - DCP010505BP-U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
DCP020503 TI1-DCP020503_16 Datasheet
1Mb / 28P
[Old version datasheet]   DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Microdc power Technolog...
F0303XMD-1W MICRODC-F0303XMD-1W Datasheet
680Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
F-XMD-1W MICRODC-F-XMD-1W Datasheet
1,020Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
   Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Texas Instruments
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
DCH01 TI-DCH01_15 Datasheet
372Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com