Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR010503UE4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DCR010503UE4
Description  1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCR010503UE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DCR010503UE4 Datasheet HTML 3Page - Texas Instruments DCR010503UE4 Datasheet HTML 4Page - Texas Instruments DCR010503UE4 Datasheet HTML 5Page - Texas Instruments DCR010503UE4 Datasheet HTML 6Page - Texas Instruments DCR010503UE4 Datasheet HTML 7Page - Texas Instruments DCR010503UE4 Datasheet HTML 8Page - Texas Instruments DCR010503UE4 Datasheet HTML 9Page - Texas Instruments DCR010503UE4 Datasheet HTML 10Page - Texas Instruments DCR010503UE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Load (%)
70
60
50
40
30
20
10
0
100
0
10
20
30
40
50
60
70
80
90
Load (%)
18
16
14
12
10
8
6
4
2
0
20
40
60
80
100
0
60
50
40
30
20
10
0
0
20
40
60
80
90
10
30
50
70
100
Load%
Load (%)
70
60
50
40
30
20
10
0
100
0
10
20
30
40
50
60
70
80
90
Load (%)
70
60
50
40
30
20
10
0
100
0
10
20
85°C
25°C
30
40
50
60
70
80
90
–40°C
80
70
60
50
40
30
20
10
0
10
0
20
30
40
50
60
70
80
90
100
Load (%)
+25°C
–40°C
+85°C
7
DCR010503, DCR012405, DCR010505
DCR011203, DCR011205, DCR012403
www.ti.com
SBVS013D – OCTOBER 2001 – REVISED JUNE 2016
Product Folder Links: DCR010503 DCR012405 DCR010505 DCR011203 DCR011205 DCR012403
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
7.6 Typical Characteristics
at TA = 25°C, +VS = nominal, IO = 10 mA, CIN = 2.2 µF, CFILTER = 1 µF, COUT = 0.1 µF, (unless otherwise noted)
DCR010503P,
DCR010503U
DCR011205P,
DCR011205U
Figure 1. Efficiency vs Load
DCR010505P,
DCR010505U
DCR011205P,
DCR011205U
Figure 2. Efficiency vs Load
DCR012403P
DCR012403U
Figure 3. Efficiency vs Load
DCR010505U
DCR011205U
Figure 4. Efficiency vs Load
DCR012405P
DCR012405U
Figure 5. Efficiency vs Load
All devices except for DCR011203P & DCR012403P
20-MHz Bandwidth
Figure 6. Output Voltage Ripple


Similar Part No. - DCR010503UE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR010503U BURR-BROWN-DCR010503U Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR010503U BURR-BROWN-DCR010503U Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503U TI1-DCR010503U Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCR010503U/1K BURR-BROWN-DCR010503U/1K Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR010503U1K BURR-BROWN-DCR010503U1K Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCR010503UE4

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
logo
Power Systems GmbH+Co.K...
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
logo
Vicor Corporation
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623X36G26C2YZZ VICOR-DCM3623X36G26C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X36G40C2YZZ VICOR-DCM3623X36G40C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X50M04A2Y7Z VICOR-DCM3623X50M04A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623X50M06A8Y7Z VICOR-DCM3623X50M06A8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com