Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR010505P Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DCR010505P
Description  1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCR010505P Datasheet(HTML) 6 Page - Texas Instruments

Back Button DCR010505P Datasheet HTML 2Page - Texas Instruments DCR010505P Datasheet HTML 3Page - Texas Instruments DCR010505P Datasheet HTML 4Page - Texas Instruments DCR010505P Datasheet HTML 5Page - Texas Instruments DCR010505P Datasheet HTML 6Page - Texas Instruments DCR010505P Datasheet HTML 7Page - Texas Instruments DCR010505P Datasheet HTML 8Page - Texas Instruments DCR010505P Datasheet HTML 9Page - Texas Instruments DCR010505P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
DCR010503, DCR012405, DCR010505
DCR011203, DCR011205, DCR012403
SBVS013D – OCTOBER 2001 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DCR010503 DCR012405 DCR010505 DCR011203 DCR011205 DCR012403
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
7.5 Electrical Characteristics
at TA = 25°C, +VS = nominal, IO = 10 mA, CIN = 2.2-µF ceramic, CFILTER = 1-µF ceramic, COUT = 0.1-µF ceramic (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Nominal output voltage (+VOUT)
DCR01xx03
3.3
V
DCR01xx05
5
Setpoint accuracy
0.5%
2%
Output short-circuit protected
Duration
Infinite
Line regulation
1
mV/V
Over line and load
IO = 10 mA to Full Load, Over +VS range
1%
2.5%
Temperature variation
–40°C
≤ TA ≤ +85°C
1%
INPUT
Nominal input voltage (+VS)
DCR0105xx
5
V
DCR0112xx
12
DCR0124xx
24
Voltage range
–10%
10%
Reflected ripple current
20-MHz Bandwidth, IO = 100% Load
8
mAp-p
ISOLATION
Isolation
1-s Flash Test
Voltage
1
kVrms
dV/dt
500
V/s
Leakage Current
30
nA
Continuous working
voltage across isolation
barrier
DC
60
VDC
AC
42.5
VAC
Barrier capacitance
25
pF
OUTPUT ENABLE CONTROL
Logic high input voltage
2
VREC
V
Logic high input current
2 < VENABLE < VREC
100
nA
Logic low input voltage
–0.2
0.5
V
Logic low input current
0 < VENABLE < 0.5
100
nA
Rectified output, VREC
All 3.3-V Outputs
3.3
V
All 5-V Outputs
5
ERROR FLAG
Logic high open-collector leakage
VERROR = 5 V
10
µA
Logic low output voltage
Sinking 2 mA
0.4
V
THERMAL SHUTDOWN
Junction temperature
Temperature Activated
150
°C
Temperature Deactivated
130
SYNCHRONIZATION PIN
Max external capacitance on SYNC pin
3
pF
Internal oscillator frequency
720
800
880
kHz
External synchronization frequency
720
880
kHz
External synchronization signal high
2.5
3
V
External synchronization signal low
0
0.4
V
TEMPERATURE RANGE
Operating
–40
85
°C


Similar Part No. - DCR010505P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR010505P BURR-BROWN-DCR010505P Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR010505P BURR-BROWN-DCR010505P Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010505P TI1-DCR010505P Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCR010505P

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
logo
Power Systems GmbH+Co.K...
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
logo
Vicor Corporation
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623X36G26C2YZZ VICOR-DCM3623X36G26C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X36G40C2YZZ VICOR-DCM3623X36G40C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X50M04A2Y7Z VICOR-DCM3623X50M04A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623X50M06A8Y7Z VICOR-DCM3623X50M06A8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com