Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDC112UK Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DDC112UK
Description  Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC112UK Datasheet(HTML) 3 Page - Texas Instruments

  DDC112UK Datasheet HTML 1Page - Texas Instruments DDC112UK Datasheet HTML 2Page - Texas Instruments DDC112UK Datasheet HTML 3Page - Texas Instruments DDC112UK Datasheet HTML 4Page - Texas Instruments DDC112UK Datasheet HTML 5Page - Texas Instruments DDC112UK Datasheet HTML 6Page - Texas Instruments DDC112UK Datasheet HTML 7Page - Texas Instruments DDC112UK Datasheet HTML 8Page - Texas Instruments DDC112UK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
DDC112
3
SBAS085B
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = +25°C, AVDD = DVDD = +5V, DDC112U, Y: TINT = 500µs, CLK = 10MHz, DDC112UK, YK: TINT = 333.3µs, CLK = 15MHz, VREF = +4.096V, continuous mode
operation, and internal integration capacitors, unless otherwise noted.
✻ Specifications same as DDC112U, Y.
NOTES: (1) Input is less than 1% of full scale. (2) CSENSOR is the capacitance seen at the DDC112 inputs from wiring, photodiode, etc. (3) FSR is Full-Scale Range.
(4) A best-fit line is used in measuring linearity. (5) Matching between side A and side B, not input 1 to input 2. (6) Voltage produced by the DDC112 at its input which
is applied to the sensor. (7) Range drift does not include external reference drift. (8) Input reference current decreases with increasing TINT (see the Voltage Reference
section). (9) Data format is Straight Binary with a small offset (see the
Data Retrieval section). (10) Ensured by design but not production tested.
DDC112U, Y
DDC112UK, YK
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ANALOG INPUTS
External, Positive Full-Scale
Range 0
CEXT = 250pF
1000
pC
Internal, Positive Full-Scale
Range 1
47.5
50
52.5
✻✻
pC
Range 2
95
100
105
✻✻
pC
Range 3
142.5
150
157.5
✻✻
pC
Range 4
190
200
210
✻✻
pC
Range 5
237.5
250
262.5
✻✻
pC
Range 6
285
300
315
✻✻
pC
Range 7
332.5
350
367.5
✻✻
pC
Negative Full-Scale Input
–0.4% of Positive FS
pC
DYNAMIC CHARACTERISTICS
Conversion Rate
2
3
kHz
Integration Time, TINT
Continuous Mode
500
1,000,000
333.3
µs
Integration Time, TINT
Non-Continuous Mode
50
µs
System Clock Input (CLK)
1
10
12
✻✻
15
MHz
Data Clock (DCLK)
12
15
MHz
ACCURACY
Noise, Low-Level Current Input(1)
CSENSOR(2) = 0pF, Range 5 (250pC)
3.2
ppm of FSR(3), rms
CSENSOR = 25pF, Range 5 (250pC)
3.8
ppm of FSR, rms
CSENSOR = 50pF, Range 5 (250pC)
4.2
6.0
7
ppm of FSR, rms
Differential Linearity Error
±0.005% Reading ±0.5ppm
FSR (max)
Integral Linearity Error(4)
±0.005% Reading ±0.5ppm
FSR (typ)
±0.025% Reading ±1.0ppm
FSR (max)
No Missing Codes
20
Bits
Input Bias Current
TA = +25°C
0.1
10
✻✻
pA
Range Error
Range 5 (250pC)
5
% of FSR
Range Error Match(5)
All Ranges
0.1
0.5
✻✻
% of FSR
Range Sensitivity to VREF
VREF = 4.096 ±0.1V
1:1
Offset Error
Range 5, (250pC)
±200
±600
ppm of FSR
Offset Error Match(5)
±100
ppm of FSR
DC Bias Voltage(6) (Input VOS)
±0.05
±2
✻✻
mV
Power-Supply Rejection Ratio
±25
±200
✻✻
ppm of FSR/V
Internal Test Signal
13
pC
Internal Test Accuracy
±10
%
PERFORMANCE OVER TEMPERATURE
Offset Drift
±0.5
±3(10)
ppm of FSR/
°C
Offset Drift Stability
±0.2
±0.7(10) ppm of FSR/minute
DC Bias Voltage Drift
Applied to Sensor Input
3
±1
µV/°C
Input Bias Current Drift
+25
°C to +45°C
0.01
1(10)
✻✻
pA/
°C
Input Bias Current
TA = +75°C2
50(10)
✻✻
pA
Range Drift(7)
Range 5 (250pC)
25
0
25
50(10)
ppm/
°C
Range Drift Match(5)
Range 5 (250pC)
±0.05
ppm/
°C
REFERENCE
Voltage
4.000
4.096
4.200
✻✻
V
Input Current(8)
TINT = 500µs
150
225
275
µA
DIGITAL INPUT/OUTPUT
Logic Levels
VIH
4.0
DVDD + 0.3
✻✻
V
VIL
–0.3
+0.8
✻✻
V
VOH
IOH = –500µA
4.5
V
VOL
IOL = 500µA
0.4
V
Input Current, IIN
–10
+10
✻✻
µA
Data Format(9)
Straight Binary
POWER-SUPPLY REQUIREMENTS
Power-Supply Voltage
AVDD and DVDD
4.75
5.25
✻✻
V
Supply Current
Analog Current
AVDD = +5V
14.8
15.2
mA
Digital Current
DVDD = +5V
1.2
1.8
mA
Total Power Dissipation
80
100
85
130
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
0
+70
°C
Storage
–60
+100
✻✻
°C


Similar Part No. - DDC112UK

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC112UK BURR-BROWN-DDC112UK Datasheet
210Kb / 24P
   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC112UK TI-DDC112UK Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112UK/1K TI-DDC112UK/1K Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - DDC112UK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC112 TI1-DDC112_14 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC112 BURR-BROWN-DDC112 Datasheet
210Kb / 24P
   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC112Y TI-DDC112Y Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
   Octal Current Input 20-Bit Analog-To-Digital Converter
logo
Texas Instruments
DDC114IRTCT TI1-DDC114IRTCT Datasheet
823Kb / 35P
[Old version datasheet]   Quad Current Input, 20-Bit Analog-To-Digital Converter
DDC114 TI1-DDC114_14 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Current Input, 20-Bit Analog-To-Digital Converter
DDC118 TI1-DDC118_16 Datasheet
1Mb / 36P
[Old version datasheet]   Octal Current Input, 20-Bit Analog-To-Digital Converter
logo
Burr-Brown (TI)
DDC114 BURR-BROWN-DDC114 Datasheet
389Kb / 30P
   Quad Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com